Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASGTX Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASGTX
Description  Configurable High Performance SMD TCXO/VCTCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASGTX Datasheet(HTML) 4 Page - Abracon Corporation

  ASGTX Datasheet HTML 1Page - Abracon Corporation ASGTX Datasheet HTML 2Page - Abracon Corporation ASGTX Datasheet HTML 3Page - Abracon Corporation ASGTX Datasheet HTML 4Page - Abracon Corporation ASGTX Datasheet HTML 5Page - Abracon Corporation ASGTX Datasheet HTML 6Page - Abracon Corporation ASGTX Datasheet HTML 7Page - Abracon Corporation ASGTX Datasheet HTML 8Page - Abracon Corporation ASGTX Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
| | |
TYPICAL PHASE NOISE & JITTER CHARACTERISTICS
ASGTX
Configurable High Performance SMD TCXO/VCTCXO
9.0 x 7.0 x 2.24 mm
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II Compliant
With LVCMOS Output; 10MHz Carrier
With LVDS Output; 10MHz Carrier
With LVCMOS Output; 25MHz Carrier
With LVDS Output; 25MHz Carrier
2 Faraday, Suit#B, Irvine, California 92618
Revised: 10.16.14
Visit
www.abracon.com for Terms & Conditions of Sale
tel:949-546-8000 | fax:949-546-8001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com