Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASGTX Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASGTX
Description  Configurable High Performance SMD TCXO/VCTCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASGTX Datasheet(HTML) 1 Page - Abracon Corporation

  ASGTX Datasheet HTML 1Page - Abracon Corporation ASGTX Datasheet HTML 2Page - Abracon Corporation ASGTX Datasheet HTML 3Page - Abracon Corporation ASGTX Datasheet HTML 4Page - Abracon Corporation ASGTX Datasheet HTML 5Page - Abracon Corporation ASGTX Datasheet HTML 6Page - Abracon Corporation ASGTX Datasheet HTML 7Page - Abracon Corporation ASGTX Datasheet HTML 8Page - Abracon Corporation ASGTX Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ASGTX
Configurable High Performance SMD TCXO/VCTCXO
APPLICATIONS:
FEATURES:
9.0 x 7.0 x 2.24 mm
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II Compliant
• 40G & 100G Ethernet
• WiMax,
• LTE, BTS
• CATV, LAN, LMDS
• Point-to-Point communication networks
ASGTX temperature compensated Crystal Oscillators are designed to accommodate a broad breadth of
Precision TCXO requirements, without NRE and extended lead-times. This oscillator series is designed and
manufactured by Abracon Corporation and is available to order from 1pc to high volume production
quantities.
• 1-5 day quick-turn availability of a TCXO/VCTCXO with LVCMOS output, Any frequency
between 10MHz & 250MHz
For example, if a reference oscillator requirement calls out 49.7521MHz; ±1.00 ppm TCXO/VCTCXO
with LVCMOS output, ASGTX can be configured and shipped within 1-5 days and in most cases,
same day if order is received before noon. Customers with low-to-mid annual volume requirements
find it difficult to procure custom frequency TCXO/VCTXCO’s without costly NRE charges and/or
long lead-times (> 12 weeks).
• 1-5 day quick turn availability of a TCXO/VCTXCO requiring LVDS or LVPECL Differential
output, Any frequency between 10MHz to 1.50GHz
ASGTX is available with either LVDS or LVPECL output, from 10MHz to 1.50GHz; at any desired
frequency, such as 149.875MHz, 1.00GHz, 1.5GHz, etc. with as tight as ±1.00 ppm stability over
temperature. No other solution in the marketplace currently offers such capability, especially in a small
form-factor of 9.0x7.0x2.24 mm.
ASGTX is suitable for a wide variety of precision timing applications where TCXO/VCTXO’s are typically
employed. In addition, for high frequency LO requirements, traditionally customers have relied on SAW
based oscillators. Such devices are only available at a few fixed frequencies, such as 915MHz, 1.0GHz,
etc. They are typically in 9x14mm or bigger packages and vary as much as ±100 ppm over temperature.
Although ASGTX series will be slightly less favorable in phase noise performance compared to SAW based
oscillators, it offers the following key advantages:
o ±1.00 ppm stability over -30ºC to +70ºC & ±2.00 ppm stability over -40ºC to +85ºC
o Any carrier frequency between 10MHz & 1.50GHz
o LVCMOS Output (10MHz to 250MHz) or LVDS / LVPECL Output (10MHz to 1.50GHz)
o Small form-factor of 9.0x7.0x2.24 mm
o No NRE or lead-time
• 10MHz to 1.50GHz, any Carrier Frequency in differential mode
(LVDS or LVPECL)
• 10MHz to 250MHz, any Carrier Frequency in LVCMOS mode
• -40ºC to +85ºC operating temperature range
• ±1.0ppm stability over -30ºC to +70ºC and ±2.0ppm stability over
-40ºC to +85ºC
• Minimum guaranteed pull ability of ± 10ppm in VCTCXO mode
• Good Phase Noise, excellent Harmonics and Spurious content
• Guaranteed rms jitter of 1.80ps maximum @ 1.50GHz carrier (LVDS mode)
• Immediate availability, 5-day maximum lead-time for small quantities
OVERVIEW:
ESD Sensitive
2 Faraday, Suit#B, Irvine, California 92618
Revised: 10.16.14
Visit
www.abracon.com for Terms & Conditions of Sale
tel:949-546-8000 | fax:949-546-8001


Similar Part No. - ASGTX

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASGTX-EVAL ABRACON-ASGTX-EVAL Datasheet
2Mb / 2P
ASGTX Evaluation Board
01.23.15
More results

Similar Description - ASGTX

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX914 FOX-FOX914 Datasheet
70Kb / 1P
3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
3.0V SMD TCXO/VCTCXO
logo
Connor-Winfield Corpora...
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
Telecom Performance TCXO / VCTCXO
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
High Precision TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
High Precision TCXO / VCTCXO
TV504-019.2M CONNOR-WINFIELD-TV504-019.2M Datasheet
169Kb / 4P
Telecom Performance TCXO / VCTCXO
logo
Fox Electronics
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
3.0V Ultra Miniature SMD TCXO/VCTCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com