Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASGTX Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASGTX
Description  Configurable High Performance SMD TCXO/VCTCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASGTX Datasheet(HTML) 2 Page - Abracon Corporation

  ASGTX Datasheet HTML 1Page - Abracon Corporation ASGTX Datasheet HTML 2Page - Abracon Corporation ASGTX Datasheet HTML 3Page - Abracon Corporation ASGTX Datasheet HTML 4Page - Abracon Corporation ASGTX Datasheet HTML 5Page - Abracon Corporation ASGTX Datasheet HTML 6Page - Abracon Corporation ASGTX Datasheet HTML 7Page - Abracon Corporation ASGTX Datasheet HTML 8Page - Abracon Corporation ASGTX Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ASGTX
Configurable High Performance SMD TCXO/VCTCXO
9.0 x 7.0 x 2.24 mm
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II Compliant
KEY ELECTRICAL SPECIFICATIONS:
2 Faraday, Suit#B, Irvine, California 92618
Revised: 10.16.14
Visit
www.abracon.com for Terms & Conditions of Sale
tel:949-546-8000 | fax:949-546-8001
Notes
*
Relative to measured frequency post reflow
**
Please contact Abracon for ±1.00 ppm frequency stability over -40°C to +85°C
***
Center Control Voltage value is either 1.28V ±0.20V or, 1.55V ±0.20V for the device to be with-in ±1.50 ppm of
final frequency, 1-hour post reflow
**** 1.8ps max is guaranteed for LVCMOS and LVDS output modes. For LVPECL mode at carrier frequency
greater than 1.289GHz, the maximum RMS jitter is 3.0ps
Key Electrical Specifications – LVCMOS
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency:
LVCMOS
10
250
MHz
0
0
5
1
0
1
S
D
V
L
0
0
5
1
0
1
L
C
E
P
V
L
Operating Temperature:
-40
+85
°C
C
°
5
8
+
0
4
-
:
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Frequency Stability:
Initial Set Tolerance
-1.50
≤
±1.00
+1.50
ppm
1 hour after reflow
Stability over
operating
temperature*
-30°C to +70°C
-1.00
+1.00
ppm
Option “1”
-40°C to +85°C **
-2.00
+2.00
Option “2”
Aging @ 25ºC after one year
-1.00
+1.00
ppm
Supply Voltage (Vdd):
3.135
3.300
3.465
V
s
m
3
:
e
m
i
T
p
u
tr
a
t
S
V
d
d
V
0
:
*
*
*
e
g
a
tl
o
V
l
o
rt
n
o
C
In VCTCXO Mode
m
p
p
0
1
±
:l
l
u
P
y
c
n
e
u
q
e
r
F
Phase jitter RMS
[ tjit( ) ] ****
(12kHz to 20MHz)
<
1.00
1.80
ps
Frequency dependent
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current (Idd):
45
mA
Frequency dependent
F
p
5
1
:
d
a
o
L
t
u
p
t
u
O
Output Logic Level:
VOH
0.9*Vdd
V
VOL
0.1*Vdd
V
s
p
0
0
0
1
:)
r
T
(
e
m
i
T
e
s
i
R
s
p
0
0
0
1
:)
f
T
(
e
m
i
T
ll
a
F
d
d
V
2
/
1
@
%
5
5
5
4
:
e
l
c
y
C
y
t
u
D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com