Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASGTX Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASGTX
Description  Configurable High Performance SMD TCXO/VCTCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASGTX Datasheet(HTML) 3 Page - Abracon Corporation

  ASGTX Datasheet HTML 1Page - Abracon Corporation ASGTX Datasheet HTML 2Page - Abracon Corporation ASGTX Datasheet HTML 3Page - Abracon Corporation ASGTX Datasheet HTML 4Page - Abracon Corporation ASGTX Datasheet HTML 5Page - Abracon Corporation ASGTX Datasheet HTML 6Page - Abracon Corporation ASGTX Datasheet HTML 7Page - Abracon Corporation ASGTX Datasheet HTML 8Page - Abracon Corporation ASGTX Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OPTIONS & PART IDENTIFICATION:
ASGTX
Configurable High Performance SMD TCXO/VCTCXO
9.0 x 7.0 x 2.24 mm
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II Compliant
Key Electrical Specifications – LVPECL
Key Electrical Specifications – LVDS
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current (Idd)
60
mA
With typical LVPECL
output termination
Output Logic Level
VOH
Vdd-1.03
Vdd-0.60
V
VOL
Vdd-1.85
Vdd-1.60
V
s
p
0
5
3
:)
r
T
(
e
m
i
T
e
s
i
R
s
p
0
5
3
:)
f
T
(
e
m
i
T
ll
a
F
Differential Duty Cycle:
45
55
%
DODCLVPECL
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current (Idd)
40
mA
With typical LVDS
output termination
Differential Output Voltage (VOD)
175
350
mV
VOD Magnitude Change (∆VOD)
50
mV
Offset Voltage (VOS
V
5
2
.
1
)
VOS Magnitude Change (∆VOS)
50
mV
s
p
0
5
3
:)
r
T
(
e
m
i
T
e
s
i
R
s
p
0
5
4
:)
f
T
(
e
m
i
T
ll
a
F
Differential Duty Cycle:
45
55
%
ODCLVDS
ASGTX- -
MHz - -
C = LVCMOS
Any Carrier Frequency between 10MHz minimum to 250MHz maximum
P = LVPECL
Any Carrier Frequency between 10MHz minimum to 1.50GHz maximum
D = LVDS
Any Carrier Frequency between 10MHz minimum to 1.50GHz maximum
Frequency in MHz
Please specify the
Frequency in MHz
e.g. 100.000 MHz
Packaging
Blank = Bulk (Qty < 250pcs)
T = 1000pcs/Reel
T2 = 250pcs/Reel
Output Type
C = LVCMOS
P = LVPECL
D = LVDS
Freq. Stability
1 = ±1ppm over -30 to +70°C
2 = ±2ppm over -40 to +85°C
2 Faraday, Suit#B, Irvine, California 92618
Revised: 10.16.14
Visit
www.abracon.com for Terms & Conditions of Sale
tel:949-546-8000 | fax:949-546-8001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com