Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C31X2-VLED Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TS80C31X2-VLED
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VLED Datasheet(HTML) 1 Page - ATMEL Corporation

  TS80C31X2-VLED Datasheet HTML 1Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 2Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 3Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 4Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 5Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 6Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 7Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 8Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Rev. C - 15 January, 2001
1
TS80C31X2
8-bit CMOS Microcontroller ROMless
1. Description
TS80C31X2 is high performance CMOS and ROMless
versions of the 80C51 CMOS single chip 8-bit
microcontroller.
The TS80C31X2 retains all features of the TSC80C31
with 128 bytes of internal RAM, a 5-source, 4 priority
level interrupt system, an on-chip oscilator and two timer/
counters.
In addition, the TS80C31X2 has a dual data pointer, a
more
versatile
serial
channel
that
facilitates
multiprocessor communication (EUART) and a X2 speed
improvement mechanism.
The fully static design of the TS80C31X2 allows to
reduce system power consumption by bringing the clock
frequency down to any value, even DC, without loss of
data.
The TS80C31X2 has 2 software-selectable modes of
reduced
activity
for
further
reduction
in
power
consumption. In the idle mode the CPU is frozen while
the timers, the serial port and the interrupt system are still
operating. In the power-down mode the RAM is saved
and all other functions are inoperative.
2. Features
q
80C31 Compatible
• 8031 pin and instruction compatible
• Four 8-bit I/O ports
• Two 16-bit timer/counters
• 128 bytes scratchpad RAM
q
High-Speed Architecture
• 40 MHz @ 5V, 30MHz @ 3V
• X2 Speed Improvement capability (6 clocks/
machine cycle)
30 MHz @ 5V, 20 MHz @ 3V (Equivalent to
60 MHz @ 5V, 40 MHz @ 3V)
q
Dual Data Pointer
q
Asynchronous port reset
q
Interrupt Structure with
• 5 Interrupt sources,
• 4 priority level interrupt system
q
Full duplex Enhanced UART
• Framing error detection
• Automatic address recognition
q
Power Control modes
• Idle mode
• Power-down mode
• Power-off Flag
q
Once mode (On-chip Emulation)
q
Power supply: 4.5-5.5V, 2.7-5.5V
q
Temperature ranges: Commercial (0 to 70oC) and
Industrial (-40 to 85oC)
q
Packages: PDIL40, PLCC44, VQFP44 1.4, PQFP F1
(13.9 footprint)


Similar Part No. - TS80C31X2-VLED

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C31X2-VCA ATMEL-TS80C31X2-VCA Datasheet
375Kb / 42P
8-bit CMOS Microcontroller ROMless
logo
TEMIC Semiconductors
TS80C31X2-VCAB TEMIC-TS80C31X2-VCAB Datasheet
484Kb / 40P
8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2-VCAD TEMIC-TS80C31X2-VCAD Datasheet
484Kb / 40P
8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2-VCAR TEMIC-TS80C31X2-VCAR Datasheet
484Kb / 40P
8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C31X2-VCB ATMEL-TS80C31X2-VCB Datasheet
375Kb / 42P
8-bit CMOS Microcontroller ROMless
More results

Similar Description - TS80C31X2-VLED

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
ROMless 8-bit microcontroller
December 1994
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
Rad. Tolerant 8-bit ROMless Microcontroller
logo
Siemens Semiconductor G...
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
8-bIT Microcontroller, ROMLESS
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
8-Bit Microcontroller ROMLESS
logo
AIMTEC
80C32E AIMTEC-80C32E_03 Datasheet
206Kb / 20P
Rad. Tolerant 8-bit ROMless Microcontroller
logo
ATMEL Corporation
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
Rad. Tolerant 8-bit ROMless Microcontroller
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
ROMLESS CMOS 8-BIT Z8 MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com