Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C31X2-VLED Datasheet(PDF) 16 Page - ATMEL Corporation

Part # TS80C31X2-VLED
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VLED Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button TS80C31X2-VLED Datasheet HTML 12Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 13Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 14Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 15Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 16Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 17Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 18Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 19Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
16
Rev. C - 15 January, 2001
TS80C31X2
Table 5. SCON Register
SCON - Serial Control Register (98h)
Reset Value = 0000 0000b
Bit addressable
7
6
5
4
3
2
1
0
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
Bit
Number
Bit
Mnemonic
Description
7
FE
Framing Error bit (SMOD0=1)
Clear to reset the error state, not cleared by a valid stop bit.
Set by hardware when an invalid stop bit is detected.
SMOD0 must be set to enable access to the FE bit
SM0
Serial port Mode bit 0
Refer to SM1 for serial port mode selection.
SMOD0 must be cleared to enable access to the SM0 bit
6
SM1
Serial port Mode bit 1
SM0
SM1
Mode
Description
Baud Rate
0
0
0
Shift Register
FXTAL/12 (/6 in X2 mode)
0
1
1
8-bit UART
Variable
1
0
2
9-bit UART
FXTAL/64 or FXTAL/32 (/32, /16 in X2 mode)
1
1
3
9-bit UART
Variable
5
SM2
Serial port Mode 2 bit / Multiprocessor Communication Enable bit
Clear to disable multiprocessor communication feature.
Set to enable multiprocessor communication feature in mode 2 and 3, and eventually mode 1. This bit should
be cleared in mode 0.
4
REN
Reception Enable bit
Clear to disable serial reception.
Set to enable serial reception.
3
TB8
Transmitter Bit 8 / Ninth bit to transmit in modes 2 and 3.
Clear to transmit a logic 0 in the 9th bit.
Set to transmit a logic 1 in the 9th bit.
2
RB8
Receiver Bit 8 / Ninth bit received in modes 2 and 3
Cleared by hardware if 9th bit received is a logic 0.
Set by hardware if 9th bit received is a logic 1.
In mode 1, if SM2 = 0, RB8 is the received stop bit. In mode 0 RB8 is not used.
1
TI
Transmit Interrupt flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0 or at the beginning of the stop bit in the other
modes.
0
RI
Receive Interrupt flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0, see Figure 5. and Figure 6. in the other modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com