Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C31X2-VLED Datasheet(PDF) 25 Page - ATMEL Corporation

Part # TS80C31X2-VLED
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VLED Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button TS80C31X2-VLED Datasheet HTML 21Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 22Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 23Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 24Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 25Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 26Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 27Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 28Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Rev. C - 15 January, 2001
25
TS80C31X2
6.8 Power-Off Flag
The power-off flag allows the user to distinguish between a “cold start” reset and a “warm start” reset.
A cold start reset is the one induced by VCC switch-on. A warm start reset occurs while VCC is still applied to
the device and could be generated for example by an exit from power-down.
The power-off flag (POF) is located in PCON register (See Table 13.). POF is set by hardware when VCC rises
from 0 to its nominal voltage. The POF can be set or cleared by software allowing the user to determine the type
of reset.
The POF value is only relevant with a Vcc range from 4.5V to 5.5V. For lower Vcc value, reading POF bit will
return indeterminate value.
Table 13. PCON Register
PCON - Power Control Register (87h)
Reset Value = 00X1 0000b
Not bit addressable
7
6
5
4
3
2
1
0
SMOD1
SMOD0
-
POF
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic
Description
7
SMOD1
Serial port Mode bit 1
Set to select double baud rate in mode 1, 2 or 3.
6
SMOD0
Serial port Mode bit 0
Clear to select SM0 bit in SCON register.
Set to to select FE bit in SCON register.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
POF
Power-Off Flag
Clear to recognize next reset type.
Set by hardware when VCC rises from 0 to its nominal voltage. Can also be set by software.
3
GF1
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
2
GF0
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
1
PD
Power-Down mode bit
Cleared by hardware when reset occurs.
Set to enter power-down mode.
0
IDL
Idle mode bit
Clear by hardware when interrupt or reset occurs.
Set to enter idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com