Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C31X2-VLED Datasheet(PDF) 26 Page - ATMEL Corporation

Part # TS80C31X2-VLED
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VLED Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button TS80C31X2-VLED Datasheet HTML 22Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 23Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 24Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 25Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 26Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 27Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 28Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 29Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
26
Rev. C - 15 January, 2001
TS80C31X2
7. Electrical Characteristics
7.1 Absolute Maximum Ratings (1)
Ambiant Temperature Under Bias:
C = commercial
0
°Cto70°C
I = industrial
-40
°Cto85°C
Storage Temperature
-65
°Cto+150°C
Voltage on VCC to VSS
-0.5Vto+7V
Voltage on VPP to VSS
-0.5Vto+13V
Voltage on Any Pin to VSS
-0.5VtoVCC + 0.5 V
Power Dissipation
1 W(2)
NOTES
1.
Stresses at or above those listed under “ Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions may affect device reliability.
2.
This value is based on the maximum allowable die temperature and the thermal resistance of the package.
7.2 Power consumption measurement
Since the introduction of the first C51 devices, every manufacturer made operating Icc measurements under reset,
which made sense for the designs were the CPU was running under reset. In Atmel Wireless & Microcontrollers
new devices, the CPU is no more active during reset, so the power consumption is very low but is not really
representative of what will happen in the customer system. That’s why, while keeping measurements under Reset,
Atmel Wireless & Microcontrollers presents a new way to measure the operating Icc:
Using an internal test ROM, the following code is executed:
Label:
SJMP Label (80 FE)
Ports 1, 2, 3 are disconnected, Port 0 is tied to FFh, EA = Vcc, RST = Vss, XTAL2 is not connected and XTAL1
is driven by the clock.
This is much more representative of the real operating Icc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com