Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1972 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1972
Description  Pot 2-Channel 78dB Audio Attenuator with Mute
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1972 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1972 Datasheet HTML 1Page - National Semiconductor (TI) LM1972 Datasheet HTML 2Page - National Semiconductor (TI) LM1972 Datasheet HTML 3Page - National Semiconductor (TI) LM1972 Datasheet HTML 4Page - National Semiconductor (TI) LM1972 Datasheet HTML 5Page - National Semiconductor (TI) LM1972 Datasheet HTML 6Page - National Semiconductor (TI) LM1972 Datasheet HTML 7Page - National Semiconductor (TI) LM1972 Datasheet HTML 8Page - National Semiconductor (TI) LM1972 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM1972
µPot2-Channel 78dB Audio Attenuator with Mute
General Description
The LM1972 is a digitally controlled 2-channel 78dB audio
attenuator fabricated on a CMOS process. Each channel
has attenuation steps of 0.5dB from 0dB–47.5dB, 1.0dB
steps from 48dB–78dB, with a mute function attenuating
104dB. Its logarithmic attenuation curve can be customized
through software to fit the desired application.
The performance of a µPot is demonstrated through its ex-
cellent Signal-to-Noise Ratio, extremely low (THD+N), and
high channel separation. Each µPot contains a mute function
that disconnects the input signal from the output, providing a
minimum attenuation of 96dB. Transitions between any at-
tenuation settings are pop free.
The LM1972’s 3-wire serial digital interface is TTL and
CMOS compatible; receiving data that selects a channel and
the desired attenuation level. The Data-Out pin of the
LM1972 allows multiple µPots to be daisy-chained together,
reducing the number of enable and data lines to be routed
for a given application.
Key Specifications
n Total Harmonic Distortion + Noise:
0.003% (max)
n Frequency response:
100 kHz (−3dB) (min)
n Attenuation range (excluding mute):
78dB (typ)
n Differential attenuation:
±0.25dB (max)
n Signal-to-noise ratio (ref. 4 Vrms):
110dB (min)
n Channel separation:
100dB (min)
Features
n 3-wire serial interface
n Daisy-chain capability
n 104dB mute attenuation
n Pop and click free attenuation changes
Applications
n Automated studio mixing consoles
n Music reproduction systems
n Sound reinforcement systems
n Electronic music (MIDI)
n Personal computer audio control
Typical Application
Connection Diagram
µPotand Overtureare trademarks of National Semiconductor Corporation.
DS011978-1
FIGURE 1. Typical Audio Attenuator Application Circuit
Dual-In-Line Plastic or
Surface Mount Package
DS011978-2
Top View
Order Number LM1972M or LM1972N
See NS Package Number M20B or N20A
April 1995
© 1999 National Semiconductor Corporation
DS011978
www.national.com


Similar Part No. - LM1972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1972 TI1-LM1972 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1972 TI1-LM1972 Datasheet
1Mb / 22P
2-Channel 78dB Audio Attenuator
LM1972 TI2-LM1972 Datasheet
849Kb / 22P
LM1972 μPot 2-Channel 78dB Audio Attenuator with Mute
REVISED MARCH 2013
LM1972M TI1-LM1972M Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1972M TI1-LM1972M Datasheet
1Mb / 22P
2-Channel 78dB Audio Attenuator
More results

Similar Description - LM1972

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Unisonic Technologies
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
2-Channel 78dB Audio Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com