Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N5393D Datasheet(PDF) 5 Page - Keysight Technologies

Part # N5393D
Description  PCI Express짰 3.0 (Gen3) Software
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5393D Datasheet(HTML) 5 Page - Keysight Technologies

  N5393D Datasheet HTML 1Page - Keysight Technologies N5393D Datasheet HTML 2Page - Keysight Technologies N5393D Datasheet HTML 3Page - Keysight Technologies N5393D Datasheet HTML 4Page - Keysight Technologies N5393D Datasheet HTML 5Page - Keysight Technologies N5393D Datasheet HTML 6Page - Keysight Technologies N5393D Datasheet HTML 7Page - Keysight Technologies N5393D Datasheet HTML 8Page - Keysight Technologies N5393D Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
05 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet
Benefits
PCI Express electrical test software benefits
The PCI Express electrical test software saves you time by setting the stage for automatic
execution of PCI Express electrical tests, including JBERT jitter stress calibration (optional).
Part of the difficulty of performing electrical tests for PCI Express is hooking up the
oscilloscope, loading the proper setup files, and then analyzing the measured results by
comparing them to limits published in the specification. The PCI Express electrical test
software does much of this work for you. In addition, if you discover a problem with your device,
robust debug tools are available to aid in root-cause analysis. These debug tools are provided
by the Keysight E2688A high-speed serial data analysis software, which you must install on
your oscilloscope to use the PCI Express electrical test software.
The software also now has an integrated interface for controlling the InfiniiSim Waveform
Transformation Toolset for de-embedding of test fixtures. Introduced with PCIe 2.0, de-
embedding of test fixtures utilizes S-parameters as input to create a de-embed model that
helps to restore high frequency signal content that is often lost or significantly attenuated
by test fixtures and cables. This can help to recover significant jitter margin normally lost to
fixtures used in a test setup.
The software can be purchased with an optional test suite for performing the calibration of your
Keysight JBERT (B) bit error ratio tester for stressed eye receiver testing for PCIe 3.0 silicon.
This helps ensure consistent run-to-run setup of the instrumentation, saving you time and
providing consistent and accurate receive test results.
The PCI Express electrical test software offers many more electrical tests than the SigTest
application. Unlike the SigTest application, the PCI Express electrical test software
automatically configures the oscilloscope for each test, and it provides an informative results
report that includes margin analysis indicating how close your product is to passing or failing
a particular test assertion. Table 1 shows a side-by-side comparison of the capabilities of
the SigTest application and the Keysight PCI Express electrical test software. A list of the
measurements made by the PCI Express electrical test software can be found in Table 3, (Table
3 contains comparison of SigTest vs. Keysight).
Table 1. Comparison of capabilities of the Keysight PCI Express electrical test software and the PCI-SIG
SigTest application
Capability
Keysight PCI Express software
PCI-SIG SigTest
Support for PCIe 3.0
BASE Spec
N/A
Integrated de-embedding support
Yes (InfiniiSim waveform transformation toolset required) No
Number of measurement assertions
16+
4
Support for PCIe 1.0a, 1.1, 2.0
Yes
Yes
Reference clock tests
10 (1.1)
0 1
Automated oscilloscope setup for each measurement
Yes, guided
No, single setup
Measurement results
Pass/fail with margin analysis
Pass/fail with measured value
CEM based measurement methodology
Yes
Yes
Clock recovery method
PCI-SIG SigTest or 1st/2nd order PLL
PCI-SIG SigTest
Brick wall filter (2.0 testing)
Yes
Yes
Custom HTML report generation
Yes
No
Support for low power device
Yes
No
Selectable number of tests performed
Yes
No
Multi-trial run support
Yes
No
Debug mode for “what if” analysis
Yes
No
Compliance test boards supported
CBB1, CBB2, CLB1, CLB2
CBB1, CBB2, CLB1, CLB2
1. PCI-Sig offers a separate utility (Clock_Jitter) for analyzing reference clock phase jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com