Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N5393D Datasheet(PDF) 20 Page - Keysight Technologies

Part # N5393D
Description  PCI Express짰 3.0 (Gen3) Software
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5393D Datasheet(HTML) 20 Page - Keysight Technologies

Back Button N5393D Datasheet HTML 16Page - Keysight Technologies N5393D Datasheet HTML 17Page - Keysight Technologies N5393D Datasheet HTML 18Page - Keysight Technologies N5393D Datasheet HTML 19Page - Keysight Technologies N5393D Datasheet HTML 20Page - Keysight Technologies N5393D Datasheet HTML 21Page - Keysight Technologies N5393D Datasheet HTML 22Page - Keysight Technologies N5393D Datasheet HTML 23Page - Keysight Technologies N5393D Datasheet HTML 24Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet
Table 2. Recommended test accessories
Model number
Description
Add-in card testing
PCI-SIG Compliance Base Board (order from
www.pcisig.com/specifications/ordering_information)
15442A
Two SMA cables
One PC power supply
One power supply load for regulation
1810-0118
Six 50 Ω terminators
System motherboard testing
PCI-SIG Compliance Base Board (order from
www.pcisig.com/specifications/ordering_information)
15442A
Two SMA cables
1134A or 1169A
InfiniiMax probe with socketed (E2678A) probe adapter
1250-1741
Two right angle SMA adapters (f - m)
1810-0118
Six 50 Ω terminators
Semiconductor device testing
Customer supplied custom test fixtures with SMAs
15442A
Two SMA cables
1169A
One InfiniiMax probe with differential solder connection (E2677A)
Optional (for all types of testing)
11667B
Power splitter, DC to 26.5 GHz, 3.5 mm (f) connectors
11636B
Power divider, DC to 26.5 GHz, 3.5 mm (f) connectors
1250-1159
Three SMA (m - m) adapters
8493B
Coaxial attenuator (3, 6, 10, 20 or 30 dB), DC to 18 GHz, SMA connector
Matched cable pair, two 90 cm (36 inch) SMA (m - m) cables propagation delay within 25 ps
1810-0118
SMA (m) 50 Ω termination
Recommended Test Accessories
To complete your test setup, Keysight provides a wide range of cables, adapters, terminations, etc.
Note: While the PCI-SIG does supply Gen2 test fixtures for motherboard and add-in card testing, you will need to obtain SMP cables,
adapters and terminators from a vendor of your choice as the SIG does not supply them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com