Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N5393D Datasheet(PDF) 16 Page - Keysight Technologies

Part # N5393D
Description  PCI Express짰 3.0 (Gen3) Software
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5393D Datasheet(HTML) 16 Page - Keysight Technologies

Back Button N5393D Datasheet HTML 12Page - Keysight Technologies N5393D Datasheet HTML 13Page - Keysight Technologies N5393D Datasheet HTML 14Page - Keysight Technologies N5393D Datasheet HTML 15Page - Keysight Technologies N5393D Datasheet HTML 16Page - Keysight Technologies N5393D Datasheet HTML 17Page - Keysight Technologies N5393D Datasheet HTML 18Page - Keysight Technologies N5393D Datasheet HTML 19Page - Keysight Technologies N5393D Datasheet HTML 20Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet
Reference Clock Measurements
InfiniiMax 1169A probe with
E2678A socket adapter
attached to CLB
Note 2pF capacitors added
to CLB to create REFCLK
compliance load as per spec
Figure 22. The N5393D software includes important tests for the reference clock of your
PCI Express system. This signal can be probed using the Keysight InfiniiMax 1169A probes in
conjunction with the PCI-SIG’s compliance load board.
Reference clock test connection using CLB2
Figure 23. This shows the CLB2 inserted into the CBB2 test fixture, representing the setup required
to test add-in cards.
The PCI Express 1.0a specification
failed to specify the input bandwidth
the reference clock receiver or phase
jitter of the reference clock itself. This is
important because jitter that lies within
the loop bandwidth the receiver PLL for
the reference clock will transfer onto the
high speed data lines. This hole in the PCI
Express specification was corrected in the
1.1 update.
The N5393D includes powerful reference
clock evaluation tools including phase
jitter. The PCIe 1.1 specification calls
for a very specific phase jitter filter that
focuses the measurement on the jitter that
lies between 1.5 and 22-MHz. The filter
also amplifies the jitter 3 dB (peaking)
within this region. The Keysight N5393D
includes proprietary filtering software
(patent pending) that exactly implements
the filters specified in the PCI Express
specification. The N5393D also includes
reference clock tests based on the PCIe
2.0 and 3.0 specification.
Utilizing Keysight’s InfiniiMax 1169A high
performance differential probes, or direct
cabled connections, you can measure
your reference clock using the PCI-SIG’s
Compliance Load Board or custom test
fixture.
– Reference clock tests
– Phase jitter
– Rising edge rate
– Falling edge rate
– Differential input high voltage
– Differential input low voltage
– Average clock period
– Duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com