Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N5393D Datasheet(PDF) 19 Page - Keysight Technologies

Part # N5393D
Description  PCI Express짰 3.0 (Gen3) Software
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5393D Datasheet(HTML) 19 Page - Keysight Technologies

Back Button N5393D Datasheet HTML 15Page - Keysight Technologies N5393D Datasheet HTML 16Page - Keysight Technologies N5393D Datasheet HTML 17Page - Keysight Technologies N5393D Datasheet HTML 18Page - Keysight Technologies N5393D Datasheet HTML 19Page - Keysight Technologies N5393D Datasheet HTML 20Page - Keysight Technologies N5393D Datasheet HTML 21Page - Keysight Technologies N5393D Datasheet HTML 22Page - Keysight Technologies N5393D Datasheet HTML 23Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet
Compliance test fixture
Description
CBB
PCI Express Compliance Base Board for testing PCI Express add-in
cards
CLB
PCI Express Compliance Load Board for testing PCI Express
platforms
CBB2
Gen 2 PCI Express Compliance Base Board for testing PCI Express
add-in cards
CLB2
Gen2 PCI Express Compliance Load Board for testing PCI Express
platforms
CBB3
Gen 3 PCI Express Compliance Base Board for testing PCI Express
add-in cards
CLB3
Gen3 PCI Express Compliance Load Board for testing PCI Express
platforms
PCI Express bandwidth requirements by data rate for transmitter measurements
Data rate
Minimum bandwidth required
Minimum sample rate
2.5 GT/s
6 GHz
20 GSa/s
5 GT/s
12 GHz
40 GS/s
8 GT/s
12 GHz
40 GS/s
PCI Express sample rate requirements for reference clock measurements
PCIe standard
Minimum sample rate
1.1
20 GSa/s
2.x
20 GSa/s
3.x
20 GSa/s
Measurement Requirements
The PCI Express electrical performance
validation and compliance software
requires the E2688A high-speed serial
data analysis software, one of the PCI-SIG
approved compliance test fixtures (CBB
or CLB), and at least two SMA cables or
InfiniiMax active differential probes. The
N5393D optionally requires the InfiniiSim
waveform transformation toolset to enable
to de-embedding or de-convolving of
test fixture and cable losses based on
user supplied S-parameter descriptions
of these structures. Some of the
measurements cannot be made with the
PCI-SIG compliance test fixtures and may
require you to build or acquire a custom
test board, assembly, or other test fixture.
To purchase the PCI Express compliance
test fixtures, consult the PCI-SIG Web
site and select the PCI-SIG specification
order form link at: www.pcisig.com/
specifications/ordering_information
Bandwidth requirements for PCI
Express
PCI Express operates at 2.5 GT/s, 5 GT/s
and 8 GT/s. Below are two tables that
provide guidelines on the minimum
bandwidth and sample rate required for
PCI Express Transmitter measurements.
In addition to transmitter measurements,
phase jitter measurements of the PCIe
100 MHz reference clock also call for a
minimum sample rate used to measure
the clock as is also shown below. Use
this information to help you select the
proper oscilloscope for your specific
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com