Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 31DF4
Description  3 Amp. Glass Passivated Ultrafast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

31DF4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  31DF4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 31DF4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
31DF2.....31DF4
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
• Glass Passivated Junction
• High current capability
• The plastic material carries
U/L recognition 94 V-0
• Terminals: Axial Leads
• Polarity: Color band denotes cathode
Mounting instructions
1. Min. distance from body to soldering point,
4 mm.
2. Max. solder temperature, 350 °C.
3. Max. soldering time, 3.5 sec.
4. Do not bend lead at a point closer than
3 mm. to the body.
Dimensions in mm.
DO-201AD
(Plastic)
Maximum Ratings, according to IEC publication No. 134
Peak Recurrent reverse voltage
Forward current at Tamb = 40 °C
Recurrent peak forward current
8.3 ms. peak forward surge current
V
RRM
I
F(AV)
I
FRM
I
FSM
3 A
15 A
90 A
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 150 °C
– 65 to + 150 °C
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage drop at I
F = 3 A
I
R
10 µA
Max. reverse current at V
RRM
t
rr
Reverse recovery time from
30 ns
31DF4
400 V
I
F = 0.5 A ; IR = 1 A ; IRR = 0.25 A
R
thj-a
Max. thermal resistance ( l = 10 mm.)
30 °C/W
Voltage
200 to 400 V
Current
3 A at 40 ºC.
at 25 ºC
(Jedec Method)
9.1 ± 0.3
62.5 ± 0.5
®
1.25 V
Jul - 03
31DF2
200 V
0.98 V


Similar Part No. - 31DF4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DF4 NIEC-31DF4 Datasheet
53Kb / 5P
Ultra - Fast Recovery Diode
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4 Datasheet
62Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
31DF4 TSC-31DF4 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF4 BILIN-31DF4 Datasheet
52Kb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
More results

Similar Description - 31DF4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EGP10A ETC-EGP10A Datasheet
38Kb / 2P
1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
EGP30A ETC-EGP30A Datasheet
38Kb / 2P
3 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
EGP50A ETC-EGP50A Datasheet
39Kb / 2P
5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
FUF4001 ETC-FUF4001 Datasheet
37Kb / 2P
1 Amp. Glass Passivated Ultrafast Recovery Rectifier
FUF5400 ETC-FUF5400 Datasheet
38Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
FES3A ETC-FES3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
logo
Shenzhen Taychipst Elec...
31DF2 TAYCHIPST-31DF2 Datasheet
1Mb / 2P
Glass Passivated Ultrafast Recovery Rectifier
FUF4001 TAYCHIPST-FUF4001 Datasheet
2Mb / 2P
Glass Passivated Ultrafast Recovery Rectifier
FUF5400 TAYCHIPST-FUF5400 Datasheet
2Mb / 2P
Glass Passivated Ultrafast Recovery Rectifier
logo
New Jersey Semi-Conduct...
EGP30A NJSEMI-EGP30A Datasheet
99Kb / 2P
3 Amp. Glass Passivated Avalanche Ultrafast Recovery Eectifiet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com