Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8026 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 45Page - Microchip Technology MCP8026 Datasheet HTML 46Page - Microchip Technology MCP8026 Datasheet HTML 47Page - Microchip Technology MCP8026 Datasheet HTML 48Page - Microchip Technology MCP8026 Datasheet HTML 49Page - Microchip Technology MCP8026 Datasheet HTML 50Page - Microchip Technology MCP8026 Datasheet HTML 51Page - Microchip Technology MCP8026 Datasheet HTML 52Page - Microchip Technology MCP8026 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 49
MCP8025/6
These are approximate calculations. The actual
voltages may vary due to incomplete charging or
discharging of capacitors per cycle due to load
changes. The charge pump calculations assume the
charge pump is able to charge up the external boot
cap within a few cycles.
5.1.2
BOOTSTRAP CAPACITOR
The high-side driver bootstrap capacitor needs to
power the high-side driver and gate for 1/3 of the
motor electrical period for a 3-phase BLDC motor.
Let:
Solve for the smallest capacitance that can supply:
- 130 nC of charge to the MOSFET gate
-1 M
 Gate-Source resistor current
- Driver bias current and switching losses
Sum all of the energy requirements:
Choose a bootstrap capacitor value that is larger than
43.86 nF.
5.1.3
BUCK SWITCHER
5.1.3.1
Calculate the Buck Inductor for
Discontinuous Mode Operation
Let:
Solve for maximum inductance value.
Choose
an
inductor
3.64 µH
to
ensure
Discontinuous Conduction mode.
Table 5-1 shows the various maximum inductance
values for a worst case input voltage of 6V and various
output voltages.
MOSFET driver current =300 mA
PWM period = 50µs (20kHz)
Minimum duty cycle =1% (500 ns)
Maximum duty cycle =99% (49.5 µs)
VIN =12V
Minimum gate drive voltage =8V (VGS)
Total gate charge = 130 nC (80A MOSFET)
Allowable VGS drop (VDROP) =3V
Switch RDSON =100 m
Driver internal bias current =20 µA (IBIAS)
QMOSFET = 130 nC
QRESISTOR = [(VGS/R) x TON]
QDRIVER = (IBIAS xTON)
TON = 49.5 µs (99% DC) for worst case
QRESISTOR = (12V/1 M)x 49.5 µs
QRESISTOR = 0.594 nC
QDRIVER = 20 µA x 49.5 µs
QDRIVER = 0.99 nC
C = (QMOSFET +QRESISTOR +QDRIVER)/VDROP
C = (130 nC + 0.594 nC + 0.99 nC)/3V
C = 43.86 nF
VIN = 4.3V (worst case is BUVLO)
VOUT = 3.3V
IOUT = 225 mA
fSW = 468 kHz (TSW = 2.137 µs)
LMAX = VOUT x (1–VOUT/VIN)x TSW/(2 x IOUT)
LMAX = 3.3V x (1 – 3.3V/4.3V) x 2.137 µs/(2 x 225 mA)
LMAX = 3.64 µH
TABLE 5-1:
MAXIMUM INDUCTANCE FOR BUCK DISCONTINUOUS MODE OPERATION
VIN
(worst case)
VOUT
IOUT
Maximum Inductance
4.3V (BUVLO)
3V
250 mA
4.3 µH
4.3V (BUVLO)
3.3V
225 mA
3.6 µH
6V
5.0V
150 mA
5.9 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com