Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8026 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 15Page - Microchip Technology MCP8026 Datasheet HTML 16Page - Microchip Technology MCP8026 Datasheet HTML 17Page - Microchip Technology MCP8026 Datasheet HTML 18Page - Microchip Technology MCP8026 Datasheet HTML 19Page - Microchip Technology MCP8026 Datasheet HTML 20Page - Microchip Technology MCP8026 Datasheet HTML 21Page - Microchip Technology MCP8026 Datasheet HTML 22Page - Microchip Technology MCP8026 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 19
MCP8025/6
Note:
Unless otherwise indicated, TA = +25°C; Junction Temperature (TJ) is approximated by soaking the device under
test to an ambient temperature equal to the desired junction temperature. The test time is small enough such that the
rise in junction temperature over the ambient temperature is not significant.
FIGURE 2-13:
Quiescent Current vs.
Temperature (MCP8025).
FIGURE 2-14:
Quiescent Current vs.
Temperature (MCP8026).
FIGURE 2-15:
500 ns PWM Dead Time
Injection.
FIGURE 2-16:
Driver RDSON vs.
Temperature.
FIGURE 2-17:
Typical Baud Rate
Deviation.
0
200
400
600
800
1000
1200
-45
-20
5
305580
105
130
155
Temperature (°C)
CE Low
CE High
0
200
400
600
800
1000
1200
-45
-20
5
305580
105
130
155
Temperature (°C)
CE Low
CE High
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (µs)
Dead Time
PWMxH
PWMxL
Dead Time
10
12
14
16
18
20
22
24
-45
-20
5
30
55
80
105
130
155
Temperature(°C)
High-Side
Low-Side
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-45
-20
5
305580
105
130
155
Temperature (
MIN
AVERAGE
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com