Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8026 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 9Page - Microchip Technology MCP8026 Datasheet HTML 10Page - Microchip Technology MCP8026 Datasheet HTML 11Page - Microchip Technology MCP8026 Datasheet HTML 12Page - Microchip Technology MCP8026 Datasheet HTML 13Page - Microchip Technology MCP8026 Datasheet HTML 14Page - Microchip Technology MCP8026 Datasheet HTML 15Page - Microchip Technology MCP8026 Datasheet HTML 16Page - Microchip Technology MCP8026 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 13
MCP8025/6
Current Sense Amplifier
Input Offset Voltage
VOS
-3.0
—
+3.0
mV
VCM =0V
TA = -40°C to +150°C
Input Offset Temperature Drift
VOS/TA
—±2.0
—
µV/°C VCM =0V
Input Bias Current
IB
-1
—
+1
µA
Common Mode Input Range
VCMR
-0.3
—
3.5
V
Common Mode Rejection Ratio
CMRR
—
80
—
dB
Freq = 1 kHz
IOUT =10µA
Maximum Output Voltage
Swing
VOL, VOH
0.05
—
4.5
V
IOUT =200 µA
Slew Rate
SR
—
±7
—
V/µs
Symmetrical
Gain Bandwidth Product
GBWP
—
10.0
—
MHz
Current Comparator Hysteresis
CCHYS
—10
—
mV
Current Comparator Common
Mode Input Range
VCC_CMR
1.0
—
4.5
V
Current Limit DAC
Resolution
—
8
—
bits
Output Voltage Range
VOL, VOH
0.991
—
4.503
V
IOUT =1 mA
Output Voltage
VDAC
——
—
V
CFG1 Code x
13.77 mV/bit + 0.991V
—
0.991
—
Code 00H
—
1.872
—
Code 40H
—
4.503
—
Code FFH
Input to Output Delay
TDELAY
—50
—
µs
Integral Nonlinearity
INL
-0.5
—
+0.5
%FSR %Full Scale Range (Note 2)
Differential Nonlinearity
DNL
-50
—
+50
%LSB %LSB (Note 2)
ILIMIT_OUT Sink Current
(Open-Drain)
ILOUT
—1
—
mA
VILIMIT_OUT  50 mV
ZC Back EMF Sampler Comparator (MCP8025)
Maximum Output Voltage
Swing
ZCVOL,
ZCVOH
0.05
—5.0
V
IOUT =1 mA
Reference Input Impedance
ZCZREF
—83
—
k
Input to Output Delay
ZCDELAY
—
—
500
ns
VIN_STEP =500 mV (Note 2)
Voltage Divider RC Time
Constant
ZCTRC
—
100
—
ns
ZC Output Pull-Up Range
ZCRPULLUP
3.3
10
—
k
ZC Output Sink Current
(Open-Drain)
ZCIOL
—1
—
mA
VOUT  50 mV
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, TJ = -40°C to +150°C, typical values are for +25°C, VDD =13V.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
1000 hour cumulative maximum for ROM data retention (typical).
2:
Limits are by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com