Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8026 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 2 Page - Microchip Technology

  MCP8026 Datasheet HTML 1Page - Microchip Technology MCP8026 Datasheet HTML 2Page - Microchip Technology MCP8026 Datasheet HTML 3Page - Microchip Technology MCP8026 Datasheet HTML 4Page - Microchip Technology MCP8026 Datasheet HTML 5Page - Microchip Technology MCP8026 Datasheet HTML 6Page - Microchip Technology MCP8026 Datasheet HTML 7Page - Microchip Technology MCP8026 Datasheet HTML 8Page - Microchip Technology MCP8026 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
MCP8025/6
DS20005339B-page 2
 2016 Microchip Technology Inc.
Package Types – MCP8025
* Includes Exposed Thermal Pad (EP), see Table 3-1.
2
3
4
5
PWM2H
1
FAULTn/TXE
7
8
9
10
6
29
28
27
26
30
24
23
22
21
25
+12V
PWM1L
MUX2
MUX1
RX
LIN_BUS
CE
PWM1H
TX
VBA
PHA
PHB
PHC
HSC
HSB
HSA
VBB
VBC
(41)
EP
5 mm x 5 mm QFN-40
2
3
4
5
PWM1L
7 mm x 7 mm TQFP-48
1
FAULTn/TXE
7
8
9
10
6
29
28
27
26
30
25
+12V
MUX2
MUX1
RX
LIN_BUS
NC
PWM1H
TX
VBA
PHA
PHB
PHC
HSC
HSB
HSA
VBB
VBC
11
31
32
33
PGND
CE
NC
+
12
34
35
36
PGND
PGND
(49)
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com