Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562P Datasheet(PDF) 4 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 4 Page - Davicom Semiconductor, Inc.

  DM562P Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Chip 1:Integrated Processor Unit with PnP
DM6588 Description
The DM6588 Modem Control Unit is designed for
use in high speed internal and external modem
applications. The DM6588 incorporates a 80C32
micro-controller, a virtual 16550A UART with FIFO
mode, and Plug & Play control logic.
The DM6588 MCU performs general modem control
functions, and is also designed to provide Plug and
Play capability for PCI bus systems.
DM6588 Block Diagram
DM6588 Features
•
Control interface support
•
Supports parallel and serial interfaces
•
Includes a 80C32 micro-controller
•
256K bytes maximum external program memory
•
64K bytes data memory built in
•
Provides automatic Plug and Play or software
configuration capabilities
•
Virtual 16550A UART compatible parallel
interface
•
Fully programmable serial interface:
- 6, 7 or 8-bit characters
- Even, odd, mark and none parity bit
generation and detection
- 1 and 2 stop bit generation
- Baud rate generation
- Includes I/O control logic for modem control
interface
Final
4
Version: DM562AP-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com