Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562P Datasheet(PDF) 3 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 3 Page - Davicom Semiconductor, Inc.

  DM562P Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
DM562P
V.90 integrated Data/ Fax/ Voice/ Speaker Phone
Modem Device Single Chip With Memory Built in
Final
3
Features
Data
-
ITU-T V.90 (56000 to 28000 bps)
-
ITU-T V.34 (33600 to 2400 bps)
-
ITU-T V.32bis (14400, 12000, 9600,
7200, 4800bps)
-
ITU-T V.32 (9600, 4800bps)
-
ITU-T V.22bis (2400, 1200bps)
-
ITU-T V.22 (1200bps)
-
ITU-T V.23 (1200/75bps)
-
ITU-T V.21 (300bps)
-
Bell 212A (1200bps)
-
Bell 103 (300bps)
Fax
-
ITU-T V.17 (14400, 12000,
9600,7200bps)
-
ITU-T V.29
(9600, 7200bps)
-
ITU-T V.27ter (4800, 2400bps)
-
ITU-T V.21 Channel 2 (300bps)
-
Group III, Class 1
-
Support ECM mode
Data Error Correction
-
MNP Class 4
-
ITU-T V.42 LAPM
Data Compression
-
MNP Class 5
-
ITU-T V.42bis
Voice compression
-
4 bit ADPCM (ITU-T)
-
2, 3 an 4 bit ADPCM (Davicom
proprietary)
-
8 Bit PCM
DTE Interface
-
DTE speed up to 115200bps
Enhanced “AT” command set and S registers
-
TIA/EIA 602, ITU V.25 ter AT command
Set
-
TIA/EIA 602, ITU V.25 ter AT command
Set
-
TIA/EIA 578 Fax Class 1 command set
-
-
TIA/EIA IS-101 Voice command set
Integrated UART 16550
Parallel (ISA/PCI) and Serial (UART) interfaces
-
6, 7 and 8 bit character support
-
Even, odd, mark and none parity
detection and generation
-
1 and 2 stop bit support
-
Auto DTE data speed detection through
“AT”
Support FSK Caller identification (Caller ID)
Speakerphone
Selectable world wide call progress tone
detection
Enhanced 8032 compatible micro-controller
Power down mode
Access up to 256K bytes external program
memory
Access up to 64K bytes external data memory
NVRAM to store two user configurable,
selectable profiles with three programmable
telephone numbers
32K bytes SRAM built in
Parallel bus for embedded microprocessor
Compatible to ISA bus
PCI internal modem only
PCI Plug and Play (PnP) support
Compliant with PCI specification 2.1
Compliant with PCI bus Power Management
Interface Specification revision 1.0
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com