Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562P Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM562P Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Table of Contents
General Description
1
Block Diagram
1
Features
3
Chipset
Chip 1: DM6588 Modem Controller Unit
with PnP
DM6588 Description
4
DM6588 Block Diagram
4
DM6588 Features
4
DM6588 External Pin Configuration
5
DM6588 ISA Pin Configuration
6
DM6588 PCI Pin Configuration
7
DM6588 Pin Description
8
DM6588 Pin Description-ISA interface only
11
DM6588 Pin Description-PCI interface only
12
DM6588 Functional Description
14
1. Operating Mode Selection
14
2. Micro-controller Program Memory
14
3. Micro-controller Power Down Mode
14
4. Enhanced Internal Direct Memory
14
5. Re-flash Program Memory
14
6. Micro-controller I/O Description
14
7. HDLC Description
16
8. Micro-controller Control Register for Internal
Mode
17
9. Host Control Register for Virtual 1550A UART 17
10. Micro-controller Control Register for PCI
Interface
22
11. PCI Configuration Register Definition
23
DM6588 External Electrical Characteristics
35
DM658A External Absolute Maximum Ratings
35
DM658A External DC Characteristics
35
DM6588 ISA Electrical Characteristics
36
DM6588 ISA Absolute Maximum Ratings
36
DM6588 ISA DC Characteristics
36
DM6588 ISA AC Characteristics & Timing
Diagrams
37
DM6588 PCI Electrical Characteristics
38
DM6588 PCI Absolute Maximum Ratings
38
DM6588 PCI DC Characteristics
38
DM6588 PCI AC Characteristics & Timing
Diagrams
39
Chip 2: DM6580 Analog Front End
DM6580 Description
40
DM6580 Block Diagram
40
DM6580 Features
41
DM6580 Pin Configuration
41
DM6580 Pin Description
42
DM6580 Functional Description
43
DM6580 Register Description
43
DM6580 Absolute Maximum Ratings
44
DM6580 DC Characteristics
44
DM6580 AC Characteristics & Timing Diagrams 45
DM6580 Performance
45
Package Information
47
Ordering Information
48
Company Overview
48
Contacts
48
2
Final
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com