Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562P Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM562P Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
General Description
The DM562P integrated modem is a two-chipset
design that provides a complete solution for
state-of-the-art, voice-band Plain Old Telephone
Switching (POTS) communication. The modem
provides for Data (up to 56,000bps), Fax (up to
33,600bps), Voice and Full Duplex Speaker-phone
functions to comply with various international
standards.
The design of the DM562P is optimized for desktop
personal computer applications, embedded
microprocessor applications and Multi-Function
Peripheral (MFP) FAX application. It provides a low
cost, highly reliable, maximum integration, with the
minimum amount of support required. The DM562P
modem can operate over a dial-up network (PSTN)
or 2 wire leased lines.
The modem integrates auto dial and answer
capabilities, asynchronous data transmissions,
serial and parallel interfaces, various tone detection
schemes and data test modes.
The DM562P modem reference design is
pre-approved for FCC part 68 and provides
minimum design cycle time, with minimum cost to
insure the maximum amount of success.
The simplified modem system, shown in figure
below, illustrates the basic interconnection between
the MCU, DSP, AFE and other basic components of
a modem. The individual elements of the DM562P
are:
•
DM6580 Analog Front End (AFE). 48-pin LQFP
package.
•
DM6588 ITU-T V.90 integrated Processors with
32K bytes SRAM built in 128-pin QFP package
Block Diagram
LED
TX
DSP
Ring
Detector
DM6580
Analog
Front End
SCLK
DIT
DOT
TFS
DIR
DOR
RFS
RXSCLK
CLKIN
TXDCLK
RXDCLK
DAA
RxIN
TxA1
TxA2
Line
Speaker
Driver
PCI
Bus
RX
DSP
V.24
Interface
UART
V.24
Interface
PnP
SPKR
Microphone
Driver
29.4912MHz
30.24MHz
Optional
DM6588
TXSCLK*2
ISA
Bus
Controller
Micro
Unit
32KB
SRAM
2M
Flash
Final
1
Version: DM562P-DS-F01
February 02, 2004


Similar Part No. - DM562P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM562P ETC1-DM562P Datasheet
292Kb / 43P
V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
logo
Davicom Semiconductor, ...
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
More results

Similar Description - DM562P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM336P ETC-DM336P Datasheet
341Kb / 40P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
V.34 Data/V.17 Fax/Voice Modem Data Pumps
DM560P ETC1-DM560P Datasheet
242Kb / 43P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
Voice Switched Speakerphone Circuit
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
Voice Switched Speakerphone Circuit
logo
Motorola, Inc
MC33219A MOTOROLA-MC33219A Datasheet
509Kb / 28P
Voice Switched Speakerphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com