Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9008F Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
21
Version :DM9008-DS-F02
June 14, 2000
Interrupt Mask Register (IMR)
The Interrupt Mask Register is used to mask interrupts. Each
interrupt mask bit corresponds to a bit in the Interrupt Status
Register (ISR). If an interrupt mask bit is set, an interrupt will be
issued whenever the corresponding bit in the ISR is set. If any
bit in the IMR is set low, an interrupt will not occur when the bit
in the ISR is set. The IMR powers up all zeroes.
76
5432
1
0
--
RDCE
CNTE
OVWE
TXEE
RXEE
PTXE
PRXE
Bit
Symbol
Description
D0
PRXE
PACKET RECEIVED INTERRUPT ENABLE
Enables interrupt when packet is received
D1
PTXE
PACKET TRANSMITTED INTERRUPT ENABLE
Enables interrupt when packet is transmitted
D2
RXEE
RECEIVE ERROR INTERRUPT ENABLE
Enables interrupt when packet is received with error
D3
TXEE
TRANSMIT ERROR INTERRUPT ENABLE
Enables interrupt when packet transmission results in error
D4
OVWE
OVERWRITE WARNING INTERRUPT ENABLE
Enables interrupt when Buffer Management Logic lacks sufficient buffers to store
incoming packet
D5
CNTE
COUNTER OVERFLOW INTERRUPT ENABLE
Enables interrupt when MSB of one or more of the Network Tally counters has been set
D6
RDCE
DMA COMPLETE INTERRUPT ENABLE
Enables interrupt when Remote DMA transfer has been completed
D7
--
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com