Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9008F Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
12
Final
Version :DM9008-DS-F02
June 14, 2000
Configuration Register C (CONFIG.C)
This register is configured during RESET and EEPROM read states.
CONFIG.C can be read from address 0BH of page 2 of ENC.
76
5432
1
0
--
PnP
--
--
BPS3
BPS2
BPS1
BPS0
Bit
Symbol
Description
0 - 3
BPS0
BPS1
BPS2
BPS3
BOOT PROM Select: Selects address at which boot ROM begins and size of boot ROM
bit3
bit2
bit1
bit0
Address
Size
0
0
0
X
X
No boot ROM
0
0
1
0
C0000H
16K
0
0
1
1
C4000H
16K
0
1
0
0
C8000H
16K
0
1
0
1
CC000H
16K
0
1
1
0
D0000H
16K
0
1
1
1
D4000H
16K
1
0
0
0
D8000H
16K
1
0
0
1
DC000H
16K
1
0
1
0
C0000H
32K
1
0
1
1
C8000H
32K
1
1
0
0
D0000H
32K
1
1
0
1
D8000H
32K
1
1
1
0
C0000H
64K
1
1
1
1
D0000H
64K
These four bits can be updated by writing new values to this register
4 - 5
--
Reserved
6
PnP
DM9008 is in PnP state when this bit is set
7
--
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com