Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9008F Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
13
Version :DM9008-DS-F02
June 14, 2000
Configuration Register D (CONFIG. D)
This register can be read or written at register 07H of ENC Page 3. All bits of this register are power-on low.
76
5432
1
0
EEMODE
--
--
CLK-REF
EECS
EECK
EEDO
EEDI
Bit
Symbol
Description
0
EEDI
EEPROM DATA IN: This bit reflects the state of the DM9008 MD0 pin
1
EEDO
EEPROM DATA OUT: When EEMODE is high, this bit reflects the state of the DM9008 MD1
pin
2
EECK
EEPROM CLOCK: When EEMODE is high, this bit reflects the state of the DM9008 MD2 pin
3
EECS
EEPROM CHIP SELECT: When EEMODE is high, this bit reflects the state of the DM9008
EECS pin
4CLK-REF
When EEMODE is high, this bit is toggled every 12
µs
5, 6
--
Reserved. Must be set to zero
7
EEMODE
EEPROM MODE: If this bit is set high, the EEPROM can be programmed with the values of
EECS, EECK and EEDO in this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com