Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9008F Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
17
Version :DM9008-DS-F02
June 14, 2000
Transmit Configuration Register (TCR)
The transmit configuration register determines the actions of the transmitter section of the DM9008 during transmission of a packet on
the network. LB1 and LB0 power up as 0.
7
6
5432
1
0
--
--
--
OFST
ATD
LB1
LB0
CRC
Bit
Symbol
Description
D0
CRC
Inhibit CRC
0: CRC appended by transmitter
1: CRC inhibited by transmitter
D1
D2
LB0
LB1
Encoded Loopback Control: These encoded configuration bits set the type ofloopback that
is to be performed. Note that loopback in mode 2 sets the ENA in loopback mode and
that D3 of the DCR must be set to zero for loopback operation
LB1
LB0
Mode 0
0
0
Normal Operation
Mode 1
0
1
ENC moduleLoopback
Mode 2
1
0
ENA moduleLoopback
Mode 3
1
1
Loopback to Coax
D3
ATD
Auto Transmit Disable: This bit allows another station to disable the DM9008 transmitter by
transmission of a particular multicast packet. The transmitter can be re-enabled by
resetting this bit or by reception of a second particular multicast packet
0: Normal Operation
1: Reception of multicast address hashing to bit 62 disables transmitter; reception of
multicast address hashing to bit 63 enables transmitter
D4
OFST
Collision Offset Enable: This bit modifies the backoff algorithm to allow propitiation of
nodes
0: Backoff Logic implements normal algorithm
1: Forces Backoff algorithm modification to 0 to 2
min(3+n,10) slot times for first
three collisions, then follows standard backoff. (For first three collisions, station has
higher average backoff delay, resulting in a low priority mode.)
D5
--
Reserve must be set to zero
D6
--
Reserved
D7
--
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com