Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259WI50 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT5259WI50
Description  Quad Digital Potentiometer (POT)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259WI50 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5259WI50 Datasheet HTML 2Page - ON Semiconductor CAT5259WI50 Datasheet HTML 3Page - ON Semiconductor CAT5259WI50 Datasheet HTML 4Page - ON Semiconductor CAT5259WI50 Datasheet HTML 5Page - ON Semiconductor CAT5259WI50 Datasheet HTML 6Page - ON Semiconductor CAT5259WI50 Datasheet HTML 7Page - ON Semiconductor CAT5259WI50 Datasheet HTML 8Page - ON Semiconductor CAT5259WI50 Datasheet HTML 9Page - ON Semiconductor CAT5259WI50 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT5259
http://onsemi.com
6
Table 10. WRITE CYCLE LIMITS (Note 10)
Symbol
Parameter
Max
Units
tWR
Write Cycle Time
5
ms
Table 11. RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Max
Units
NEND (Note 11)
Endurance
MIL−STD−883, Test Method 1033
1,000,000
Cycles/Byte
TDR (Note 11)
Data Retention
MIL−STD−883, Test Method 1008
100
Years
VZAP (Note 11)
ESD Susceptibility
MIL−STD−883, Test Method 3015
2000
V
ILTH (Note 11)
Latch-up
JEDEC Standard 17
100
mA
10.The write cycle is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write
cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address.
11. This parameter is tested initially and after a design or process change that affects the parameter.
Figure 2. Bus Timing
SCL
SDA IN
SDA OUT
tBUF
tSU:STO
tR
tLOW
tSU:DAT
tHD:DAT
tDH
tHD:STA
tSU:STA
tAA
tLOW
tF
tHIGH
SERIAL BUS PROTOCOL
The following defines the features of the I2C bus protocol:
1. Data transfer may be initiated only when the bus is
not busy.
2. During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock is high
will be interpreted as a START or STOP condition.
The device controlling the transfer is a master, typically a
processor or controller, and the device being controlled is the
slave. The master will always initiate data transfers and
provide the clock for both transmit and receive operations.
Therefore, the CAT5259 will be considered a slave device
in all applications.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of SDA
when SCL is HIGH. The CAT5259 monitors the SDA and
SCL lines and will not respond until this condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
The bus Master begins a transmission by sending a
START condition. The Master then sends the address of the
particular slave device it is requesting. The four most
significant bits of the 8-bit slave address are fixed as 0101
for the CAT5259 (see Figure 6). The next four significant
bits (A3, A2, A1, A0) are the device address bits and define
which device the Master is accessing. Up to sixteen devices
may be individually addressed by the system. Typically,
+5 V and ground are hard-wired to these pins to establish the
device’s address.
After the Master sends a START condition and the slave
address byte, the CAT5259 monitors the bus and responds
with an acknowledge (on the SDA line) when its address
matches the transmitted slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com