Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259WI50 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5259WI50
Description  Quad Digital Potentiometer (POT)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259WI50 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5259WI50 Datasheet HTML 1Page - ON Semiconductor CAT5259WI50 Datasheet HTML 2Page - ON Semiconductor CAT5259WI50 Datasheet HTML 3Page - ON Semiconductor CAT5259WI50 Datasheet HTML 4Page - ON Semiconductor CAT5259WI50 Datasheet HTML 5Page - ON Semiconductor CAT5259WI50 Datasheet HTML 6Page - ON Semiconductor CAT5259WI50 Datasheet HTML 7Page - ON Semiconductor CAT5259WI50 Datasheet HTML 8Page - ON Semiconductor CAT5259WI50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT5259
http://onsemi.com
3
PIN DESCRIPTIONS
Table 1. PIN DESCRIPTIONS
Pin #
Name
Function
1
NC
No Connect
2
A0
Device Address, LSB
3
RW3
Wiper Terminal for Potentiometer 3
4
RH3
High Reference Terminal for
Potentiometer 3
5
RL3
Low Reference Terminal for Potentiometer 3
6
NC
No Connect
7
VCC
Supply Voltage
8
RL0
Low Reference Terminal for Potentiometer 0
9
RH0
High Reference Terminal for
Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
A2
Device Address
12
WP
Write Protection
13
SDA
Serial Data Input/Output
14
A1
Device Address
15
RL1
Low Reference Terminal for Potentiometer 1
16
RH1
High Reference Terminal for
Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
RW2
Wiper Terminal for Potentiometer 2
21
RH2
High Reference Terminal for
Potentiometer 2
22
RL2
Low Reference Terminal for Potentiometer 2
23
SCL
Bus Serial Clock
24
A3
Device Address
SCL: Serial Clock
The CAT5259 serial clock input pin is used to clock all
data transfers into or out of the device.
SDA: Serial Data
The CAT5259 bidirectional serial data pin is used to
transfer data into and out of the device. The SDA pin is an
open drain output and can be wire-Ored with the other open
drain or open collector I/Os.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when addressing
multiple devices. A total of sixteen devices can be addressed
on a single bus. A match in the slave address must be made
with the address input in order to initiate communication
with the CAT5259.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper terminal of
a mechanical potentiometer.
WP: Write Protect Input
The WP pin when tied low prevents non-volatile writes to
the device (change of wiper control register is allowed) and
when tied high or left floating normal read/write operations
are allowed. See Write Protection on page 7 for more details.
DEVICE OPERATION
The CAT5259 is four resistor arrays integrated with a I2C
serial interface logic, four 8-bit wiper control registers and
sixteen 8-bit, non-volatile memory data registers. Each
resistor array contains 255 separate resistive elements
connected in series. The physical ends of each array are
equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). The tap positions between and
at the ends of the series resistors are connected to the output
wiper terminals (RW) by a CMOS transistor switch. Only
one tap point for each potentiometer is connected to its wiper
terminal at a time and is determined by the value of the wiper
control register. Data can be read or written to the wiper
control registers or the non-volatile memory data registers
via the I2C bus. Additional instructions allow data to be
transferred between the wiper control registers and each
respective potentiometer’s non-volatile data registers. Also,
the device can be instructed to operate in an “increment/
decrement” mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com