Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259WI50 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT5259WI50
Description  Quad Digital Potentiometer (POT)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259WI50 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT5259WI50 Datasheet HTML 4Page - ON Semiconductor CAT5259WI50 Datasheet HTML 5Page - ON Semiconductor CAT5259WI50 Datasheet HTML 6Page - ON Semiconductor CAT5259WI50 Datasheet HTML 7Page - ON Semiconductor CAT5259WI50 Datasheet HTML 8Page - ON Semiconductor CAT5259WI50 Datasheet HTML 9Page - ON Semiconductor CAT5259WI50 Datasheet HTML 10Page - ON Semiconductor CAT5259WI50 Datasheet HTML 11Page - ON Semiconductor CAT5259WI50 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CAT5259
http://onsemi.com
8
Figure 5. Acknowledge Condition
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Figure 6. Slave Address Bits
* A0, A1, A2 and A3 correspond to pin A0, A1, A2 and A3 of the device.
** A0, A1, A2 and A3 must compare to its corresponding hard wired input pins.
A0
A1
A2
A3
1
0
1
0
CAT5259
INSTRUCTION AND REGISTER DESCRIPTION
Slave Address Byte
The first byte sent to the CAT5259 from the
master/processor is called the Slave Address Byte. The most
significant four bits of the slave address are a device type
identifier. These bits for the CAT5259 are fixed at 0101[B]
(refer to Figure 8).
The next four bits, A3 − A0, are the internal slave address
and must match the physical device address which is defined
by the state of the A3 − A0 input pins for the CAT5259 to
successfully continue the command sequence. Only the
device which slave address matches the incoming device
address sent by the master executes the instruction. The A3
− A0 inputs can be actively driven by CMOS input signals
or tied to VCC or VSS.
Instruction Byte
The next byte sent to the CAT5259 contains the
instruction and register pointer information. The four most
significant bits used provide the instruction opcode I3 − I0.
The R1 and R0 bits point to one of the four data registers of
each associated potentiometer. The least two significant bits
point to one of four Wiper Control Registers. The format is
shown in Figure 9.
Table 12. DATA REGISTER SELECTION
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
Figure 7. Write Timing
S
DR1 WCRDATA
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
SLAVE
ADDRESS
INSTRUCTION
BYTE
Fixed Variable
Figure 8. Identification Byte Format
ID3
ID2
ID1
ID0
A3
A2
A1
A0
01
01
(MSB)
(LSB)
Device Type Identifier
Slave Address
ACK
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com