Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259WI50 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5259WI50
Description  Quad Digital Potentiometer (POT)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259WI50 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5259WI50 Datasheet HTML 1Page - ON Semiconductor CAT5259WI50 Datasheet HTML 2Page - ON Semiconductor CAT5259WI50 Datasheet HTML 3Page - ON Semiconductor CAT5259WI50 Datasheet HTML 4Page - ON Semiconductor CAT5259WI50 Datasheet HTML 5Page - ON Semiconductor CAT5259WI50 Datasheet HTML 6Page - ON Semiconductor CAT5259WI50 Datasheet HTML 7Page - ON Semiconductor CAT5259WI50 Datasheet HTML 8Page - ON Semiconductor CAT5259WI50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 11
1
Publication Order Number:
CAT5259/D
CAT5259
Quad Digital
Potentiometer (POT)
with 256 Taps
and I2C Interface
Description
The CAT5259 is four digital POTs integrated with control logic and
16 bytes of NVRAM memory. Each digital POT consists of a series of
resistive elements connected between two externally accessible end
points. The tap points between each resistive element are connected to
the wiper outputs with CMOS switches. A separate 8-bit control
register (WCR) independently controls the wiper tap switches for each
digital POT. Associated with each wiper control register are four 8-bit
non-volatile memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or any of the
non-volatile data registers is via a I2C serial bus. On power-up, the
contents of the first data register (DR0) for each of the four
potentiometers is automatically loaded into its respective wiper
control registers.
The CAT5259 can be used as a potentiometer or as a two terminal,
variable resistor. It is intended for circuit level or system level
adjustments in a wide variety of applications. It is available in the 0C
to 70C commercial and −40C to 85C industrial operating
temperature ranges and offered in a 24-lead SOIC and TSSOP
package.
Features
Four Linear Taper Digital Potentiometers
256 Resistor Taps per Potentiometer
End to End Resistance 50 kW or 100 kW
Potentiometer Control and Memory Access via I2C Interface
Low Wiper Resistance, Typically 100 W
Nonvolatile Memory Storage for up to Four Wiper Settings for
Each Potentiometer
Automatic Recall of Saved Wiper Settings at Power Up
2.5 to 6.0 V Operation
Standby Current less than 1 mA
1,000,000 Nonvolatile WRITE Cycles
100 Year Nonvolatile Memory Data Retention
24-lead SOIC and 24-lead TSSOP Packages
Industrial Temperature Range
These Devices are Pb-Free, Halogen Free/BFR Free and are
RoHS Compliant
http://onsemi.com
TSSOP−24
Y SUFFIX
CASE 948AR
PIN CONNECTIONS
SOIC−24 (W)
TSSOP−24 (Y)
(Top View)
A3
NC
A0
RW3
1
RH3
RL3
SCL
RL2
RH2
RW2
SOIC−24
W SUFFIX
CASE 751BK
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
NC
GND
RW1
RH1
RL1
NC
VCC
RL0
RH0
RW0
CAT5259
A1
SDA
A2
WP


Similar Part No. - CAT5259WI50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5259WI50 ONSEMI-CAT5259WI50 Datasheet
730Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
More results

Similar Description - CAT5259WI50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com