Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8A2PD Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # STW8A2PD
Description  Market Standard 3528 Package Size
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2PD Datasheet(HTML) 1 Page - Seoul Semiconductor

  STW8A2PD Datasheet HTML 1Page - Seoul Semiconductor STW8A2PD Datasheet HTML 2Page - Seoul Semiconductor STW8A2PD Datasheet HTML 3Page - Seoul Semiconductor STW8A2PD Datasheet HTML 4Page - Seoul Semiconductor STW8A2PD Datasheet HTML 5Page - Seoul Semiconductor STW8A2PD Datasheet HTML 6Page - Seoul Semiconductor STW8A2PD Datasheet HTML 7Page - Seoul Semiconductor STW8A2PD Datasheet HTML 8Page - Seoul Semiconductor STW8A2PD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high Intensity systems while reduces LED
count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
• ex) Outdoor area – Streetlight
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
•Key Applications
•Replacement lamps
•Architectural
•Entertainment
•Retail Display
•Commercial
•Industrial
•Outdoor area
•Off-grid
•Residential
•Consumer portable
•Safety & Security
•Strings & Strips
•Automotive Exterior Lighting
•Automotive Interior Lighting
STW8A2PD
– Mid-Power LED
Rev1.1, Sep 7, 2016
STW8A2PD
– 0.2W (Cool, Neutral, Warm)
Mid-Power LED - 3528 Series
Table 1. Product Selection Table
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
RoHS
MacAdam
3-Step
RoHS
•
This White Colored surface-mount LED
comes in standard package dimension.
Package Size: 3.5x2.8x0.7mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
•
Market Standard 3528 Package Size
•
High Color Quality, CRI Min. 80
•
RoHS compliant
•
Interior lighting
•
General lighting
•
Indoor and outdoor displays
•
Architectural / Decorative lighting
Part Number
CCT
Color
Min.
Typ.
Max.
STW8A2PD
Cool White
4700K
5600K
7000K
STW8A2PD
Neutral White
3700K
4200K
4700K
STW8A2PD
Warm White
2600K
3000K
3700K


Similar Part No. - STW8A2PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8A2PD-B1 SEOUL-STW8A2PD-B1 Datasheet
848Kb / 25P
Mid-Power LED - 3528 Series
STW8A2PD-B2 SEOUL-STW8A2PD-B2 Datasheet
1Mb / 35P
Mid-Power LED - 3528 Series
STW8A2PD-B3 SEOUL-STW8A2PD-B3 Datasheet
1Mb / 35P
Mid-Power LED - 3528 Series
More results

Similar Description - STW8A2PD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3528WH-EA ETC1-S3528WH-EA Datasheet
518Kb / 16P
3528 Size Flash White Color SMD Type LED
logo
Vectron International, ...
C1379 VECTRON-C1379 Datasheet
32Kb / 3P
Standard 4-Pin DIP Package (Half Size)
C5379 VECTRON-C5379 Datasheet
38Kb / 3P
Standard 4-Pin DIP Package (Half Size)
logo
EPCOS
EC75X EPCOS-EC75X Datasheet
86Kb / 4P
Standard size
logo
List of Unclassifed Man...
CBS2002424 ETC2-CBS2002424 Datasheet
120Kb / 3P
Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
logo
Seoul Semiconductor
SAW8A32D SEOUL-SAW8A32D Datasheet
1Mb / 26P
Market Standard 3528 Package Size
SAW9A32E SEOUL-SAW9A32E Datasheet
1Mb / 31P
Market Standard 3528 Package Size
S2-SAW8Q24D SEOUL-S2-SAW8Q24D Datasheet
1Mb / 31P
Market Standard 5630 Package Size
STW9A12D SEOUL-STW9A12D Datasheet
1Mb / 27P
Market Standard 3528 Package Size
logo
OSRAM GmbH
LTRBR8SF OSRAM-LTRBR8SF Datasheet
1Mb / 21P
pachinko market
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com