Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8A2PD Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # STW8A2PD
Description  Market Standard 3528 Package Size
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2PD Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button STW8A2PD Datasheet HTML 10Page - Seoul Semiconductor STW8A2PD Datasheet HTML 11Page - Seoul Semiconductor STW8A2PD Datasheet HTML 12Page - Seoul Semiconductor STW8A2PD Datasheet HTML 13Page - Seoul Semiconductor STW8A2PD Datasheet HTML 14Page - Seoul Semiconductor STW8A2PD Datasheet HTML 15Page - Seoul Semiconductor STW8A2PD Datasheet HTML 16Page - Seoul Semiconductor STW8A2PD Datasheet HTML 17Page - Seoul Semiconductor STW8A2PD Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2PD
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
14
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 7, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
0.320
0.325
0.330
0.335
0.340
0.32
0.33
0.34
0.35
0.36
B44
B43
5300K
5600K
6000K
B41
B31
B21
B11
CIE X
B32
B42
B22
B12
B33
B23
B13
B34
B24
B14
CIE Chromaticity Diagram (Cool white), T
j=25℃, IF=65mA
B11
B21
B31
B41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3207
0.3462
0.3250
0.3501
0.3292
0.3539
0.3334
0.3578
0.3211
0.3407
0.3252
0.3444
0.3293
0.3481
0.3333
0.3518
0.3252
0.3444
0.3293
0.3481
0.3333
0.3518
0.3374
0.3554
0.3250
0.3501
0.3292
0.3539
0.3334
0.3578
0.3376
0.3616
B12
B22
B32
B42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3211
0.3407
0.3252
0.3444
0.3293
0.3481
0.3333
0.3518
0.3215
0.3353
0.3254
0.3388
0.3293
0.3423
0.3332
0.3458
0.3254
0.3388
0.3293
0.3423
0.3332
0.3458
0.3371
0.3493
0.3252
0.3444
0.3293
0.3481
0.3333
0.3518
0.3374
0.3554
B13
B23
B33
B43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3215
0.3353
0.3254
0.3388
0.3293
0.3423
0.3332
0.3458
0.3218
0.3298
0.3256
0.3331
0.3294
0.3364
0.3331
0.3398
0.3256
0.3331
0.3294
0.3364
0.3331
0.3398
0.3369
0.3431
0.3254
0.3388
0.3293
0.3423
0.3332
0.3458
0.3371
0.3493
B14
B24
B34
B44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3218
0.3298
0.3256
0.3331
0.3294
0.3364
0.3331
0.3398
0.3222
0.3243
0.3258
0.3275
0.3294
0.3306
0.3330
0.3338
0.3258
0.3275
0.3294
0.3306
0.3330
0.3338
0.3366
0.3369
0.3256
0.3331
0.3294
0.3364
0.3331
0.3398
0.3369
0.3431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com