Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8A2PD Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # STW8A2PD
Description  Market Standard 3528 Package Size
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2PD Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button STW8A2PD Datasheet HTML 9Page - Seoul Semiconductor STW8A2PD Datasheet HTML 10Page - Seoul Semiconductor STW8A2PD Datasheet HTML 11Page - Seoul Semiconductor STW8A2PD Datasheet HTML 12Page - Seoul Semiconductor STW8A2PD Datasheet HTML 13Page - Seoul Semiconductor STW8A2PD Datasheet HTML 14Page - Seoul Semiconductor STW8A2PD Datasheet HTML 15Page - Seoul Semiconductor STW8A2PD Datasheet HTML 16Page - Seoul Semiconductor STW8A2PD Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2PD
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
13
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 7, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
0.300
0.305
0.310
0.315
0.320
0.325
0.31
0.32
0.33
0.34
0.35
A44
A43
6000K
6500K
7000K
A41
A31
A21
A11
CIE X
A32
A42
A22
A12
A33
A23
A13
A34
A24
A14
CIE Chromaticity Diagram (Cool white), T
j=25℃, IF=65mA
A11
A21
A31
A41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3028
0.3304
0.3072
0.3349
0.3115
0.3393
0.3160
0.3437
0.3038
0.3256
0.3080
0.3299
0.3123
0.3342
0.3166
0.3384
0.3080
0.3299
0.3123
0.3342
0.3166
0.3384
0.3209
0.3426
0.3072
0.3349
0.3115
0.3393
0.3160
0.3437
0.3205
0.3481
A12
A22
A32
A42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3038
0.3256
0.3080
0.3299
0.3123
0.3342
0.3166
0.3384
0.3048
0.3209
0.3089
0.3249
0.3131
0.3290
0.3172
0.3331
0.3089
0.3249
0.3131
0.3290
0.3172
0.3331
0.3213
0.3371
0.3080
0.3299
0.3123
0.3342
0.3166
0.3384
0.3209
0.3426
A13
A23
A33
A43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3048
0.3209
0.3089
0.3249
0.3131
0.3290
0.3172
0.3331
0.3058
0.3161
0.3098
0.3200
0.3138
0.3239
0.3178
0.3277
0.3098
0.3200
0.3138
0.3239
0.3178
0.3277
0.3217
0.3316
0.3089
0.3249
0.3131
0.3290
0.3172
0.3331
0.3213
0.3371
A14
A24
A34
A44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3058
0.3161
0.3098
0.3200
0.3138
0.3239
0.3178
0.3277
0.3068
0.3113
0.3107
0.3150
0.3146
0.3187
0.3184
0.3224
0.3107
0.3150
0.3146
0.3187
0.3184
0.3224
0.3221
0.3261
0.3098
0.3200
0.3138
0.3239
0.3178
0.3277
0.3217
0.3316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com