Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8A2PD Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # STW8A2PD
Description  Market Standard 3528 Package Size
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2PD Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button STW8A2PD Datasheet HTML 7Page - Seoul Semiconductor STW8A2PD Datasheet HTML 8Page - Seoul Semiconductor STW8A2PD Datasheet HTML 9Page - Seoul Semiconductor STW8A2PD Datasheet HTML 10Page - Seoul Semiconductor STW8A2PD Datasheet HTML 11Page - Seoul Semiconductor STW8A2PD Datasheet HTML 12Page - Seoul Semiconductor STW8A2PD Datasheet HTML 13Page - Seoul Semiconductor STW8A2PD Datasheet HTML 14Page - Seoul Semiconductor STW8A2PD Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2PD
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 7, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Table 5. Bin Code description, T
j=25℃, IF=65mA
*Notes :
(1) Calculated performance values are for reference only.
•
All measurements were made under the standardized environment of Seoul Semiconductor.
In order to ensure availability, single color rank will not be orderable.
Table 6. Intensity rank distribution
Available ranks
Part Number
Luminous Intensity (cd)
Color
Chromaticity
Coordinate
Typical Forward Voltage (V)
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
STW8A2PD
S5
9.5
10.0
Y1
2.7
2.8
T0
10.0
10.5
Y2
2.8
2.9
T5
10.5
11.0
Y3
2.9
3.0
U0
11.0
11.7
Z1
3.0
3.1
Z2
3.1
3.2
CCT
CIE
IV Rank
6,000 ~ 7,000K
A
S5
T0
T5
U0
5,300
– 6,000K
B
S5
T0
T5
U0
4,700 ~ 5,300K
C
S5
T0
T5
U0
4,200 ~ 4,700K
D
S5
T0
T5
U0
3,700 ~ 4,200K
E
S5
T0
T5
U0
3,200 ~ 3,700K
F
S5
T0
T5
U0
2,900 ~ 3,200K
G
S5
T0
T5
U0
2,600 ~ 2,900K
H
S5
T0
T5
U0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com