Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2586 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 12Page - National Semiconductor (TI) LM2586 Datasheet HTML 13Page - National Semiconductor (TI) LM2586 Datasheet HTML 14Page - National Semiconductor (TI) LM2586 Datasheet HTML 15Page - National Semiconductor (TI) LM2586 Datasheet HTML 16Page - National Semiconductor (TI) LM2586 Datasheet HTML 17Page - National Semiconductor (TI) LM2586 Datasheet HTML 18Page - National Semiconductor (TI) LM2586 Datasheet HTML 19Page - National Semiconductor (TI) LM2586 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Typical Flyback Regulator Applications (Continued)
Transformer Footprints
Figure 15 through Figure 29 show the footprints of each transformer, listed in Figure 14.
Transformer
Type
Manufacturers’ Part Numbers
Coilcraft
(Note 16)
Coilcraft (Note
16) Surface
Mount
Pulse (Note 17)
Surface Mount
Pulse (Note
17)
Renco (Note
18)
Schott (Note
19)
T5
Q4338-B
Q4437-B
PE-68413
—
RL-5532
67140890
T6
Q4339-B
Q4438-B
PE-68414
—
RL-5533
67140900
T7
S6000-A
S6057-A
—
PE-68482
RL-5751
26606
Note 16: Coilcraft Inc.,
Phone: (800) 322-2645
1102 Silver Lake Road, Cary, IL 60013
Fax: (708) 639-1469
European Headquarters, 21 Napier Place
Phone: +44 1236 730 595
Wardpark North, Cumbernauld, Scotland G68 0LL
Fax: +44 1236 730 627
Note 17: Pulse Engineering Inc.,
Phone: (619) 674-8100
12220 World Trade Drive, San Diego, CA 92128
Fax: (619) 674-8262
European Headquarters, Dunmore Road
Phone: +353 93 24 107
Tuam, Co. Galway, Ireland
Fax: +353 93 24 459
Note 18: Renco Electronics Inc.,
Phone: (800) 645-5828
60 Jeffryn Blvd. East, Deer Park, NY 11729
Fax: (516) 586-5562
Note 19: Schott Corp.,
Phone: (612) 475-1173
1000 Parkers Lane Road, Wayzata, MN 55391
Fax: (612) 475-1786
FIGURE 14. Transformer Manufacturer Guide
T7
DS012516-33
Top View
FIGURE 15. Coilcraft S6000-A
T6
DS012516-34
Top View
FIGURE 16. Coilcraft Q4339-B
T5
DS012516-35
FIGURE 17. Coilcraft Q4437-B (Surface Mount)
T5
DS012516-36
Top View
FIGURE 18. Coilcraft Q4338-B
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com