Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2586 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 17Page - National Semiconductor (TI) LM2586 Datasheet HTML 18Page - National Semiconductor (TI) LM2586 Datasheet HTML 19Page - National Semiconductor (TI) LM2586 Datasheet HTML 20Page - National Semiconductor (TI) LM2586 Datasheet HTML 21Page - National Semiconductor (TI) LM2586 Datasheet HTML 22Page - National Semiconductor (TI) LM2586 Datasheet HTML 23Page - National Semiconductor (TI) LM2586 Datasheet HTML 24Page - National Semiconductor (TI) LM2586 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Typical Boost Regulator Applications (Continued)
Note 24: The LM2586 will require a heat sink in these applications. The size of the heat sink will depend on the maximum ambient temperature. To calculate the
thermal resistance of the IC and the size of the heat sink needed, see the “Heat Sink/Thermal Considerations” section in the Application Hints.
Application Hints
LM2586 SPECIAL FEATURES
SHUTDOWN CONTROL
A feature of the LM2586 is its ability to be shut down using
the ON /OFF pin (pin 1). This feature conserves input power
by turning off the device when it is not in use. For proper op-
eration, an isolation diode is required (as shown in
Figure
38).
The device will shut down when 3V or greater is applied on
the ON /OFF pin, sourcing current into pin 1. In shut down
mode, the device will draw typically 56 µA of supply current
(16 µA to V
IN and 40 µA to the ON /OFF pin). To turn the de-
vice back on, leave pin 1 floating, using an (isolation) diode,
as shown in
Figure 38 (for normal operation, do not source
or sink current to or from this pin — see the next section).
FREQUENCY ADJUSTMENT
The switching frequency of the LM2586 can be adjusted with
the use of an external resistor. This feature allows the user to
optimize the size of the magnetics and the output capaci-
tor(s) by tailoring the operating frequency. A resistor con-
nected from pin 1 (the Freq. Adj. pin) to ground will set the
switching frequency from 100 kHz to 200 kHz (maximum).
As shown in
Figure 38, the pin can be used to adjust the fre-
quency while still providing the shut down function. A curve in
the Performance Characteristics Section graphs the resistor
value to the corresponding switching frequency. The table in
Figure 39 shows resistor values corresponding to commonly
used frequencies.
However, changing the LM2586’s operating frequency from
its nominal value of 100 kHz will change the magnetics se-
lection and compensation component values.
DS012516-57
FIGURE 37. +24V to +48V Boost Regulator
DS012516-58
FIGURE 38. Shutdown Operation
R
SET(kΩ)
Frequency (kHz)
Open
100
200
125
47
150
33
175
22
200
FIGURE 39. Frequency Setting Resistor Guide
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com