Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2586 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 18Page - National Semiconductor (TI) LM2586 Datasheet HTML 19Page - National Semiconductor (TI) LM2586 Datasheet HTML 20Page - National Semiconductor (TI) LM2586 Datasheet HTML 21Page - National Semiconductor (TI) LM2586 Datasheet HTML 22Page - National Semiconductor (TI) LM2586 Datasheet HTML 23Page - National Semiconductor (TI) LM2586 Datasheet HTML 24Page - National Semiconductor (TI) LM2586 Datasheet HTML 25Page - National Semiconductor (TI) LM2586 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application Hints (Continued)
FREQUENCY SYNCHRONIZATION
Another feature of the LM2586 is the ability to synchronize
the switching frequency to an external source, using the
sync pin (pin 6). This feature allows the user to parallel mul-
tiple devices to deliver more output power.
A negative falling pulse applied to the sync pin will synchro-
nize the LM2586 to an external oscillator (see
Figures 40,
41).
Use of this feature enables the LM2586 to be synchronized
to an external oscillator, such as a system clock. This opera-
tion allows multiple power supplies to operate at the same
frequency,
thus
eliminating
frequency-related
noise
problems.
The scope photo in
Figure 41 shows a LM2586 12V Boost
Regulator synchronized to a 200 kHz signal. There is a 700
ns delay between the falling edge of the sync signal and the
turning on of the switch.
PROGRAMMING OUTPUT VOLTAGE
(SELECTING R1 AND R2)
Referring to the adjustable regulator in
Figure 42, the output
voltage is programmed by the resistors R1 and R2 by the fol-
lowing formula:
V
OUT = VREF (1 + R1/R2)
where V
REF = 1.23V
Resistors R1 and R2 divide the output voltage down so that
it can be compared with the 1.23V internal reference. With
R2 between 1k and 5k, R1 is:
R1 = R2 (V
OUT/VREF − 1)
where V
REF = 1.23V
For best temperature coefficient and stability with time, use
1% metal film resistors.
SHORT CIRCUIT CONDITION
Due to the inherent nature of boost regulators, when the out-
put is shorted (see
Figure 42), current flows directly from the
input, through the inductor and the diode, to the output, by-
passing the switch. The current limit of the switch
does not
limit the output current for the entire circuit. To protect the
load and prevent damage to the switch, the current must be
externally limited, either by the input supply or at the output
with an external current limit circuit. The external limit should
be set to the maximum switch current of the device, which is
3A.
In a flyback regulator application (
Figure 43), using the stan-
dard transformers, the LM2586 will survive a short circuit to
the main output. When the output voltage drops to 80% of its
nominal value, the frequency will drop to 25 kHz. With a
lower frequency, off times are larger. With the longer off
times, the transformer can release all of its stored energy be-
fore the switch turns back on. Hence, the switch turns on ini-
tially with zero current at its collector. In this condition, the
switch current limit will limit the peak current, saving the de-
vice.
FLYBACK REGULATOR INPUT CAPACITORS
A flyback regulator draws discontinuous pulses of current
from the input supply. Therefore, there are two input capaci-
tors needed in a flyback regulator — one for energy storage
and one for filtering (see
Figure 43). Both are required due to
the inherent operation of a flyback regulator. To keep a
DS012516-59
FIGURE 40. Frequency Synchronization
DS012516-69
FIGURE 41. Waveforms of a Synchronized
12V Boost Regulator
DS012516-61
FIGURE 42. Boost Regulator
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com