Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2586 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 14Page - National Semiconductor (TI) LM2586 Datasheet HTML 15Page - National Semiconductor (TI) LM2586 Datasheet HTML 16Page - National Semiconductor (TI) LM2586 Datasheet HTML 17Page - National Semiconductor (TI) LM2586 Datasheet HTML 18Page - National Semiconductor (TI) LM2586 Datasheet HTML 19Page - National Semiconductor (TI) LM2586 Datasheet HTML 20Page - National Semiconductor (TI) LM2586 Datasheet HTML 21Page - National Semiconductor (TI) LM2586 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Typical Flyback Regulator Applications (Continued)
Step-Up (Boost) Regulator Operation
Figure 30 shows the LM2586 used as a step-up (boost)
regulator. This is a switching regulator that produces an out-
put voltage greater than the input supply voltage.
A brief explanation of how the LM2586 Boost Regulator
works is as follows (refer to
Figure 30). When the NPN
switch turns on, the inductor current ramps up at the rate of
V
IN/L, storing energy in the inductor. When the switch turns
off, the lower end of the inductor flies above V
IN, discharging
its current through diode (D) into the output capacitor (C
OUT)
at a rate of (V
OUT −VIN)/L. Thus, energy stored in the induc-
tor during the switch on time is transferred to the output dur-
ing the switch off time. The output voltage is controlled by
adjusting the peak switch current, as described in the flyback
regulator section.
By adding a small number of external components (as shown in
Figure 30), the LM2586 can be used to produce a regulated out-
put voltage that is greater than the applied input voltage. The switching waveforms observed during the operation of this circuit
are shown in
Figure 31. Typical performance of this regulator is shown in Figure 32.
T7
DS012516-47
Top View
FIGURE 27. Schott 26606
T6
DS012516-49
Top View
FIGURE 28. Schott 67140900
T5
DS012516-50
Top View
FIGURE 29. Schott 67140890
DS012516-51
FIGURE 30. 12V Boost Regulator
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com