Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST14 Datasheet(PDF) 2 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 2 Page - Power System Technology

  PST14 Datasheet HTML 1Page - Power System Technology PST14 Datasheet HTML 2Page - Power System Technology PST14 Datasheet HTML 3Page - Power System Technology PST14 Datasheet HTML 4Page - Power System Technology PST14 Datasheet HTML 5Page - Power System Technology PST14 Datasheet HTML 6Page - Power System Technology PST14 Datasheet HTML 7Page - Power System Technology PST14 Datasheet HTML 8Page - Power System Technology PST14 Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PST14 Rev. 00
Page 2 of 20
www.powersystemtechnology.com
Electrical Input Data
Heatsink (H)
The PST14 is built as standard with a aluminum baseplate as described
in the mechanical data. The converter can be delivered with a 15mm
heatsink. See page 15.
Ruggedized (M)
The PST14 can be ruggedized to meet MIL-STD810E, MIL-STD461E
CE102, on Mini & Maxi only.
M op�on with 12 & 24Vin will comply with MIL STD 1275A.
Input parallel bus bar with capacitor footprints
The input bus bar simplifies the assembly of 2 or 3 PST14. It includes
input extra capacitor footprints for applica�on with long lenght from
the source to the PST14.
Op�ons Descrip�on
Input
Accessories
-40°C opera�on (T)
The thermal grade of the Vicor the DC/DC converters used and other
components are changed to comply with low ambient temperature.
Conformal coa�ng (V)
During manufacturing process, when V op�on is specified, components
and pcb are covered with an acrylic coa�ng to address high level of
ambiant humidity applica�on.
Output parallel bus bar
Available for 2up & 3up versions, it connects together the differents
posi�ve outputs as well as nega�ve output.
Output serial bus bar
From 1up to 4up, this accessory puts in parallel the outputs with the
addi�on of an oring diode mounted on an aluminium bar.
Output N+1 bus bar including diode
These 50mm cables allow unit to current share in parallel and allow the
user to inhibit all units at the same �me.
Inhibi�on and parallel cable
Input Fuse
A fuse mounted inside the converter protects against damages in case
of a failure. The fuse is not user-accessible.
Input Transient Protec�on
A VDR (Voltage Dependent Resistor) and a common mode input filter
form an effec�ve protec�on against input transients in severe environ-
ments like railways.
When M op�on is defined for PST14A&B, the unit is incorpora�ng an
ac�ve protec�on against high energy transient MIL STD 1275, DO160.
See page 16 for details.
Accessories are compa�ble with PST14A, B, C format
It connects the nega�ve of the first unit with the posi�ve of the second
to create high voltage configura�on.
ĀȀ̀ЀԀ؀
܀ࠀऀ਀଀
ఀഀ฀
ഀༀ฀
ༀက฀
ᄀഀ฀
ఀఀሀ฀
Āጀࠀ̀ऀ᐀؀᐀ࠀ̀ᔀ
ᘀ᐀̀
ᘀᜀ᠀
ᘀ᐀̀
ᘀᜀ᠀
ᘀ᐀̀
ᘀᜀ᠀
ᘀ᐀̀
ᘀᜀ᠀
ᘀ᐀̀
ᘀᜀ᠀
ᤀ
ᨀᬀ
ఀက
ᨀᬀ
ᨀᬀ
ᄀᰀ
ༀᨀ
ఀఀሀ
ᬀᬀ
ఀᰀༀ
฀
ᴀĀఀሀሀᘀᔀ
ᰀሀ
ᰀሀ
ఀሀሀ
ఀᰀሀ
ഀᰀሀ
฀
ကḀᤀ
ఀᄀḀᰀ ఀᄀḀᤀ
ᨀᰀ
ༀഀ
ᬀༀ
฀
ကḀᰀ
ఀༀḀက ఀᰀḀᨀ
ᨀሀ
ᨀᬀḀᰀ
ᰀᬀ
฀
ᨀᬀḀഀ
ༀሀ
ᨀᬀḀᨀ
ᨀᤀḀᄀ ᄀᰀḀᄀ
ကഀḀᰀ ఀఀఀ
ఀഀఀ ఀᰀᰀ
ఀᄀሀ
฀
฀᐀̀Āᘀ᐀̀
ἀ !ఀༀ"
ᨀሀ
ᨀᨀ
ఀᬀḀഀ
ఀఀ
ᄀḀഀ
"
ἀ !ఀༀ#
ഀఀ
ఀᬀḀᰀ
ကḀഀ
ᄀ
ᨀḀᬀ
"
ἀ !ఀༀጀ
ఀᰀ
ఀሀ
ᨀḀᄀ
ༀḀഀ
ఀḀက
"
ἀ !ఀༀ"
က
ఀᄀ
က
ఀༀ
က
ఀᬀ
ఀఀ
ఀᄀ
ఀఀ
ఀᰀ
$
ἀ !ఀༀ#
ᬀ
ఀఀ
ᬀ
ᄀḀက
ᬀ
ఀఀ
က
ఀఀ
ᄀ
ᤀ
$
ἀ !ఀༀጀ
ᨀ
ఀሀ
ᨀ
ᄀ
ᨀ
ᰀ
ᰀ
ᄀ
ᨀ
ᰀ
$
ἀ !ఀༀ"
ༀༀሀ
ༀༀሀ
ༀༀ
ഀሀ
ഀሀ
ἀ !ఀༀ#
ഀᄀሀ
ഀᄀሀ
ༀༀ
ఀሀ
ఀሀ
%᐀&%Ԁ᐀؀
ἀ !ఀༀጀ
ഀഀሀ
ഀഀሀ
ༀༀ
ఀሀ
ఀሀ
ἀ !ఀༀ"
ᰀሀ
ᰀሀ
ᰀሀ
ᰀሀ
ᰀሀ
ᘀᔀ
ἀ !ఀༀ#
ᰀሀ
ᰀሀ
ᰀሀ
ᰀሀ
ᰀሀ
ᘀᔀ
ἀ !ఀༀጀ
ᰀሀ
ᰀሀ
ᰀሀ
ᰀሀ
ᰀሀ
ᘀᔀ
'̀᐀؀ᔀ
Āጀ(ᜀ&ᜀ%؀਀&᐀ᔀ؀᐀%ᔀ
؀)Ѐ*
؀)Ѐ*
؀)Ѐ*
؀)Ѐ*
؀)Ѐ*
Ā+Ѐ਀&ᜀ؀᐀̀,Ā᐀̀ЀԀ؀Ā-ࠀ଀؀ᜀ,਀
ĀȀ̀ЀԀ؀ĀᔀԀ&,਀
Ā'̀ऀ਀&-ࠀ଀؀ᜀ,਀Ā؀Ԁ&̀.ࠀ̀
Ā'̀ऀ਀&-ࠀ଀؀ᜀ,਀Ā؀Ԁ&̀.ࠀ//
Ā+-਀&-ࠀ଀؀ᜀ,਀Ā؀Ԁ&̀.ࠀ//
ĀȀ̀ЀԀ؀Ā%Ԁ&&਀̀؀
0ࠀĀ଀ࠀᜀऀĀ᐀̀ЀԀ؀ĀЀࠀ1਀&
ĀȀ̀ЀԀ؀Ā%ᜀЀᜀ%᐀؀ᜀ̀%਀
0ࠀĀ᐀̀&Ԁᔀ(
Ԁ2
଀᐀ᘀ᐀؀᐀̀,
Ԁ2
Ԁ2
Ā ؀ᜀ&؀.ԀЀĀ؀᐀ᘀ਀
Input Reverse Polarity
A diode placed internally across the input will cause the fuse to blow in
case of a reverse polarity of input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com