Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST14 Datasheet(PDF) 13 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 13 Page - Power System Technology

Back Button PST14 Datasheet HTML 9Page - Power System Technology PST14 Datasheet HTML 10Page - Power System Technology PST14 Datasheet HTML 11Page - Power System Technology PST14 Datasheet HTML 12Page - Power System Technology PST14 Datasheet HTML 13Page - Power System Technology PST14 Datasheet HTML 14Page - Power System Technology PST14 Datasheet HTML 15Page - Power System Technology PST14 Datasheet HTML 16Page - Power System Technology PST14 Datasheet HTML 17Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Installa�ons Instruc�ons
PST14 Rev. 00
Page 13 of 20
www.powersystemtechnology.com
These converters are components, intended exclusively for integra�on
into other equipment by an industrial assembly process or by a profes-
sionnaly competent person. Installa�on must strictly follow the safety
regula�ons in respect of the enclosure, moun�ng, creepage and clea-
rance distances, markings of the end-use applica�on.
Connec�on to the system shall be made via appropriate connec�on.
The +Vin is internally fused. This fuse is designed to protect the con-
verter against overcurrent caused by a failure, but may not be able
to sa�sfy all requirements. External fuses in the wiring circuit to one
or both input pins may be necessary to ensure compliance with local
requirements.
Do not open the converters, or the warranty will be invalidated. Make
sure that there is sufficient heat dissipa�on available for conduc�on
cooling. This should be verified by measuring the case of temperature
at the specified measuring point, when the converter is operated in the
end-use applica�on.
Cleaning Agents and Process
The converters are not herme�cally sealed. In order to avoid possible
damage, any penetra�on of liquids shall be avoided.
Isola�on
The electric strength test is performed in the factory in accordance with
IEC/EN 60950.
Standards and Approvals
The converters are built to meet the safety standards IEC 60950-1, EN
60950-1.
‘Built to meet’ men�onned in the different paragraphs of the datasheet
means that Power System Technology has designed the product to
meet the standard but not cer�fied it in a laboratory.
Electric Strength
Design strength
1500
3000
500
Vrms
> 100
>100
Mohms
Insulation resistance
Characteristic
Output to
Output
Unit
Electric
strength
Factory test for production
units (>10s)
2000
2000
500
Vdc
Input to Earth
Input to
Output
Output to
Earth
Temperatures
Min.
Typ.
Max.
Min.
Typ.
Max.
Operating
-20
+100
-40
+100
Not operating
-40
+125
-40
+125
°C
Standard
T option
Unit
Conditions
Baseplate or Heatsink
Storage
Reliability
ĀȀ̀ЀԀ؀܀ࠀЀऀ਀଀ఀഀ฀ༀကᄀሀጀ᐀฀ऀ
Āကᔀ᐀ᘀ
ᜀ܀฀
ᜀఀ
ĀȀ̀ЀԀ؀܀Ԁࠀ܀ԀԀऀऀ
Ԁऀ਀଀
ЀఀఀԀऀऀऀ
ഀഀഀऀऀऀ
ഀऀ਀଀
฀ЀԀༀऀऀ
ԀఀഀԀऀऀ
Ѐऀऀ਀଀
ఀഀԀༀЀऀ
܀ༀഀԀऀऀ
Ԁ᐀᠀ᄀᤀሀༀᨀ฀ᬀ᐀ᰀᴀḀ
က̀ᄀሀጀ᐀ጀᔀᘀᜀ᠀ᤀᨀ
Railway Applica�on
The converters have been designed observing the railway standards
EN 50155 and EN 50121. All boards can be protected by a conformal
coa�ng as an op�on ( -V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com