Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST14 Datasheet(PDF) 14 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 14 Page - Power System Technology

Back Button PST14 Datasheet HTML 10Page - Power System Technology PST14 Datasheet HTML 11Page - Power System Technology PST14 Datasheet HTML 12Page - Power System Technology PST14 Datasheet HTML 13Page - Power System Technology PST14 Datasheet HTML 14Page - Power System Technology PST14 Datasheet HTML 15Page - Power System Technology PST14 Datasheet HTML 16Page - Power System Technology PST14 Datasheet HTML 17Page - Power System Technology PST14 Datasheet HTML 18Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
PST14 Rev. 00
Page 14 of 20
www.powersystemtechnology.com
PG-
PG+
+S
-S
Trim
O
X
Y
225mm
X
Y
6 trous diam:3.5mm
3.5
3
3.5
58
75.5
5
56
220.5
58
75.5
220.5
3
O
Mechanical data
X
Y
6 trous diam:3.5mm
3.5
3
3.5
58
47.5
5
56
135.5
58
47.5
135.5
3
140mm
O
J11
J4
PG-
PG+
Trim
O
X
Y
X
Y
4 trous diam:3.5mm
3.5
3
3.5
58
95.5
58
95.5
3
100mm
PST14A
PST14B
PST14C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com