Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST21 Datasheet(PDF) 2 Page - Power System Technology

Part # PST21
Description  Chassis mounting applications, low profile
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21 Datasheet(HTML) 2 Page - Power System Technology

  PST21 Datasheet HTML 1Page - Power System Technology PST21 Datasheet HTML 2Page - Power System Technology PST21 Datasheet HTML 3Page - Power System Technology PST21 Datasheet HTML 4Page - Power System Technology PST21 Datasheet HTML 5Page - Power System Technology PST21 Datasheet HTML 6Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Safety :
built to meet EN60950
EMI :
built to meet EN 55022B, conducted.
ENVIRONMENTAL
Storage temperature :
-40°C to +105°C
Operating temperature :
-20°C to +85°C, baseplate temperature PST21600
-20°C to +100°C, baseplate temperature PST21300
ISOLATION
Input to chassis :
1500 Vrms or 2121 Vdc
Input to Output :
3000 Vrms or 4242 Vdc
Output to Chassis :
500 Vrms
GENERAL
SIGNALS
Output OK :
PST21600 : green led and PGood 1 & 2 TTL compatible high level if OK
PST21300 : green led
Output adjust :
V1, V2 only, by potentiometer from 80 to 110 % of Vnom.
Inhibit :
PST21600 : Inhib 1 & 2 TTL compatible active low
PST21300 : General shutdown, short or low level to inhibit
2/6
PST21
Rev. 02
OPTIONS
H : An additionnal heatsink of 15mm is mounted on the baseplate, increasing the overall height to 55mm.
M :
The components, screws are glued to the PCB, built to meet MIL-STD-810E.
EMI filtering built to meet MIL-STD-461E.
T : -40°C operation
V : Conformal coating of the PCB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com