Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST21 Datasheet(PDF) 1 Page - Power System Technology

Part # PST21
Description  Chassis mounting applications, low profile
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21 Datasheet(HTML) 1 Page - Power System Technology

  PST21 Datasheet HTML 1Page - Power System Technology PST21 Datasheet HTML 2Page - Power System Technology PST21 Datasheet HTML 3Page - Power System Technology PST21 Datasheet HTML 4Page - Power System Technology PST21 Datasheet HTML 5Page - Power System Technology PST21 Datasheet HTML 6Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
Vin : 90-250Vac
Chassis mounting
255 x 127 x 38.6 mm 1 to 4 outputs
Pout max : 600W
200 x 82 x 39 mm 1 to 2 outputs
Pout max : 300W
APPLICATIONS
Chassis mounting applications, low profile.
PST21
1/6
Rev. 02
INPUT
Voltage range :
90-250Vac
Frequency : 44 - 440Hz
PFC :
EN61000-3-2
Input protection :
Transient and surges EN61000-4 -2, -4, -5, -11, -16
Fuse
EMI : EN55022
OUTPUT
Voltage :
See configuration chart
Current limit and short circuit :
protected on every output
Overvoltage protection
Typical efficiency : 81 %
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
+/- 0,2 %
+/- 0,2 %
1 %
115 %
of I max.
Low line to high line ;
full load
25 % to full load
Peak to peak -
Bandwidth 20MHz
according to o/p voltage
Vout = 95% of nominal ;
Automatic restart
+/-1 %
+/- 1 %
2 %
V 1, V2, V3, V4
Conditions
Max.


Similar Part No. - PST21

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
More results

Similar Description - PST21

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57045K0102K000 EPCOS-B57045K0102K000 Datasheet
54Kb / 3P
Temperature compensation (chassis mounting)
logo
List of Unclassifed Man...
MCF-B1805F ETC2-MCF-B1805F Datasheet
206Kb / 4P
Chassis Mounting Transformers
logo
Bud Industries, Inc.
MB-448 BUD-MB-448 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
logo
PREMO CORPORATION S.L
FAM_FILE00000047 PREMO-FAM_FILE00000047 Datasheet
127Kb / 1P
CHASSIS MOUNTING SINGLE STAGE FILTER
FAM_FILE00000054 PREMO-FAM_FILE00000054 Datasheet
153Kb / 1P
Chassis mounting filter for general
logo
List of Unclassifed Man...
L21402L ETC2-L21402L Datasheet
71Kb / 1P
Chassis mounting filter
logo
Hirose Electric
TF06L HIROSE-TF06L Datasheet
100Kb / 1P
Low Profile, Short Mounting Depth
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
Chassis mounting applications, low profi le
logo
CamdenBoss Ltd.
CFH04 CAMDENBOSS-CFH04 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH16 CAMDENBOSS-CFH16 Datasheet
472Kb / 1P
5x20mm chassis mounting 15A fuseholder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com