Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST21 Datasheet(PDF) 3 Page - Power System Technology

Part # PST21
Description  Chassis mounting applications, low profile
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21 Datasheet(HTML) 3 Page - Power System Technology

  PST21 Datasheet HTML 1Page - Power System Technology PST21 Datasheet HTML 2Page - Power System Technology PST21 Datasheet HTML 3Page - Power System Technology PST21 Datasheet HTML 4Page - Power System Technology PST21 Datasheet HTML 5Page - Power System Technology PST21 Datasheet HTML 6Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MECHANICALS
PIN
J7
J9
J6
OUTPUT : Screws studs M4
J8
V1 : 0V
+V1
V2 : 0V
+V2
Weight : 1,4 Kg
3/6
PST21600
Rev. 02
PIN
1
3
2
DESCRIPTION
INPUT : Screw connector
Earth
Neutral
Line
DESCRIPTION
1 2 3
J8 J7
J10
J9
J10
1
3
2
OUTPUT : MOLEX serie KK ref. 22-27-2081
4
V3
Return
V4
Return
DESCRIPTION
5
PGood 1
6
PGood 2
7
Inhib 1
8
Inhib 2
J6
PIN
J3
J5
J2
OUTPUT : Screws studs
J4
V1 : 0V
+V1
V2 : 0V
+V2
DESCRIPTION
J4
J5
J2
J3
For Output 1 600W models
Note :
● To enable V1, connect inhib 1 (Pin 7) to V3 (Pin 1)
or TTL high level.
● To enable V2, connect inhib 2 (Pin 8) to V3 (Pin 1)
or TTL high level



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com