Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST21 Datasheet(PDF) 4 Page - Power System Technology

Part # PST21
Description  Chassis mounting applications, low profile
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21 Datasheet(HTML) 4 Page - Power System Technology

  PST21 Datasheet HTML 1Page - Power System Technology PST21 Datasheet HTML 2Page - Power System Technology PST21 Datasheet HTML 3Page - Power System Technology PST21 Datasheet HTML 4Page - Power System Technology PST21 Datasheet HTML 5Page - Power System Technology PST21 Datasheet HTML 6Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MECHANICALS
Weight : 0,7 Kg
4/6
PST21300
Rev. 01
J1
1
3
2
DESCRIPTION
INPUT : Screw connector
Earth
Neutral
Line
J2
1
2
DESCRIPTION
INHIBIT : Screw connector
To be shorted to PIN2 to inhibit
To be shorted to PIN1 to inhibit
PIN
J3
J5
J4
OUTPUT : Screws studs M4
J6
+V1
V1 = 0V
+V2
V2 = 0V
DESCRIPTION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com