Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMBJ
Description  Plastic Case Material has UL Flammability Classification Rating 94V-O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMBJ Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMBJ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical Data
Green Products
Data Sheet N0193, Rev. C
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMBJ SERIES
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Marking Diagram:
Where XXXXX is YYWWL
KD/AD
= Part Name
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information
Device
Package
Shipping
SMBJ SERIES
SMB
(Pb-Free)
3000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Mounted on 5.0mm²(0.013mm thick)land areas.
3. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4pulses per minute maximum.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
TA=25°C by 10x1000μs Waveform
(Fig.1)(Note 1), (Note 2)
PPPM
600
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave (Note 2),(Note 3)
IFSM
100
A
Operating Junction and Storage
Temperature Range
TJ,TSTG
-55 to 150
°C
SMBJ5.0
SMBJ5.0C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com