Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMBJ
Description  Plastic Case Material has UL Flammability Classification Rating 94V-O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMBJ Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMBJ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Technical Data
Green Products
Data Sheet N0193, Rev. C
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMBJ SERIES
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
UNI-DIRECTIONAL 600 WATT SURFACE MOUNT TVS
UNI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN.
@IT
BREAKDOWN
VOLTAGE VBR (V)
MAX.
@IT
TEST
CURREN
T
IT(MA)
MAXMUM
CLAMPING
VOLTAGE
@IPP
VC(V)
PEAK PULSE
CURRENT
IPP(A)
REVERSE
LEAKAGE
@VRWM
IR(uA)
SMBJ5.0
KD
5.00
6.40
7.82
10
9.6
62.5
800
SMBJ5.0A
KE
5.00
6.40
7.07
10
9.2
65.2
800
SMBJ6.0
KF
6.00
6.67
8.15
10
11.4
52.6
800
SMBJ6.0A
KG
6.00
6.67
7.37
10
10.3
58.3
800
SMBJ6.5
KH
6.50
7.22
8.82
10
12.3
48.7
500
SMBJ6.5A
KK
6.50
7.22
7.98
10
11.2
53.6
500
SMBJ7.0
KL
7.00
7.78
9.51
10
13.3
45.1
200
SMBJ7.0A
KM
7.00
7.78
8.60
10
12.0
50.0
200
SMBJ7.5
KN
7.50
8.33
10.18
1
14.3
42.0
100
SMBJ7.5A
KP
7.50
8.33
9.21
1
12.9
46.5
100
SMBJ8.0
KQ
8.00
8.99
10.99
1
15.0
40.0
50
SMBJ8.0A
KR
8.00
8.99
9.94
1
13.6
44.1
50
SMBJ8.5
KS
8.5
9.44
11.54
1
15.9
37.7
10
SMBJ8.5A
KT
8.5
9.44
1.43
1
14.4
41.7
10
SMBJ9.0
KU
9.0
10.00
12.22
1
16.9
35.5
5
SMBJ9.0A
KV
9.0
10.00
11.05
1
15.4
39.0
5
SMBJ10
KW
10
11.10
13.57
1
18.8
31.9
5
SMBJ10A
KX
10
11.10
12.27
1
17.0
35.3
5
SMBJ11
KY
11
12.20
14.91
1
20.1
29.9
5
SMBJ11A
KZ
11
12.20
13.48
1
18.2
33.0
5
SMBJ12
LD
12
13.30
16.26
1
22.0
27.3
5
SMBJ12A
LE
12
13.30
14.70
1
19.9
30.2
5
SMBJ13
LF
13
14.40
17.60
1
23.8
25.2
5
SMBJ13A
LG
13
14.40
15.92
1
21.5
27.9
5
SMBJ14
LH
14
15.60
19.07
1
25.8
23.3
5
SMBJ14A
LK
14
15.60
17.24
1
23.2
25.8
5
SMBJ15
LL
15
16.70
20.41
1
26.9
22.3
5
SMBJ15A
LM
15
16.70
18.46
1
24.4
24.0
5
SMBJ16
LN
16
17.80
21.76
1
28.8
20.8
5
SMBJ16A
LP
16
17.80
19.67
1
26.0
23.1
5
SMBJ17
LQ
17
18.90
23.10
1
30.5
19.7
5
SMBJ17A
LR
17
18.90
20.89
1
27.6
21.7
5
SMBJ18
LS
18
20.00
24.44
1
32.2
18.6
5
SMBJ18A
LT
18
20.00
22.11
1
29.2
20.5
5
SMBJ20
LU
20
22.20
27.13
1
35.8
16.7
5
SMBJ20A
LV
20
22.20
24.54
1
32.4
18.5
5
SMBJ22
LW
22
24.40
29.82
1
39.4
15.2
5
SMBJ22A
LX
22
24.40
26.97
1
35.5
16.9
5
SMBJ24
LY
24
26.70
32.63
1
43.0
14.0
5
SMBJ24A
LZ
24
26.70
29.51
1
38.9
15.4
5
SMBJ26
MD
26
28.90
35.32
1
46.6
12.4
5
SMBJ26A
ME
26
28.90
31.94
1
42.1
14.2
5
SMBJ28
MF
28
31.10
38.01
1
50.0
12.0
5
SMBJ28A
MG
28
31.10
34.37
1
45.4
13.2
5
SMBJ30
MH
30
33.30
40.70
1
53.5
11.2
5
SMBJ30A
MK
30
33.30
36.81
1
48.4
12.4
5
SMBJ33
ML
33
36.70
44.86
1
59.0
10.2
5
SMBJ33A
MM
33
36.70
40.56
1
53.3
13.2
5
SMBJ36
MN
36
40.00
48.89
1
64.3
9.3
5
SMBJ36A
MP
36
40.00
44.21
1
58..1
10.3
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com