Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMBJ
Description  Plastic Case Material has UL Flammability Classification Rating 94V-O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMBJ Datasheet(HTML) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMBJ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Technical Data
Green Products
Data Sheet N0193, Rev. C
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMBJ SERIES
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
“C” Suffix
Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
BI-
DIRECTIONA
L PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN.
@IT
BREAKDOWN
VOLTAGE VBR (V)
MAX.
@IT
TEST
CURRE
NT
IT(MA)
MAXMUM
CLAMPING
VOLTAGE
@IPP
VC(V)
PEAK PULSE
CURRENT
IPP(A)
REVERSE
LEAKAGE
@VRWM
IR(uA)
SMBJ40C
CQ
40
44.40
54.27
1
71.4
8.4
5
SMBJ40CA
CR
40
44.40
49.07
1
64.5
9.3
5
SMBJ43C
CS
43
47.80
58.42
1
76.7
7.8
5
SMBJ43CA
CT
43
47.80
52.83
1
69.4
8.6
5
SMBJ45C
CU
45
50.00
61.11
1
80.3
7.5
5
SMBJ45CA
CV
45
50.00
55.26
1
72.7
8.3
5
SMBJ48C
CW
48
53.30
65.14
1
85.5
7.0
5
SMBJ48CA
CX
48
53.30
58.91
1
77.4
7.7
5
SMBJ51C
CY
51
56.70
69.30
1
91.1
6.6
5
SMBJ51CA
CZ
51
56.70
62.67
1
82.4
7.3
5
SMBJ54C
DD
54
60.00
73.33
1
96.3
6.2
5
SMBJ54CA
DE
54
60.00
66.32
1
87.1
6.9
5
SMBJ58C
DF
58
64.40
78.71
1
103.0
5.8
5
SMBJ58CA
DG
58
64.40
71.18
1
93.6
6.4
5
SMBJ60C
DH
60
66.70
81.52
1
107.0
5.6
5
SMBJ60CA
DK
60
66.70
73.72
1
96.8
6.2
5
SMBJ64C
DL
64
71.10
86.90
1
114.0
5.3
5
SMBJ64CA
DM
64
71.10
78.58
1
103.0
5.8
5
SMBJ70C
DN
70
77.80
95.09
1
125.0
4.8
5
SMBJ70CA
DP
70
77.80
85.99
1
113.0
5.3
5
SMBJ75C
DQ
75
83.30
101.81
1
134.0
4.5
5
SMBJ75CA
DR
75
83.30
92.07
1
121.0
4.9
5
SMBJ78C
DS
78
86.70
105.97
1
139.0
4.3
5
SMBJ78CA
DT
78
86.70
95.83
1
126.0
4.7
5
SMBJ85C
DU
85
94.40
115.38
1
151.0
3.9
5
SMBJ85CA
DV
85
94.40
104.34
1
137.0
4.4
5
SMBJ90C
DW
90
100.00
122.22
1
160.0
3.8
5
SMBJ90CA
DX
90
10.00
110.53
1
146.0
4.1
5
SMBJ100C
DY
100
111.00
135.67
1
179.0
3.4
5
SMBJ100CA
DZ
100
111.00
122.68
1
162.0
3.7
5
SMBJ110C
ED
110
122.00
149.11
1
196.0
3.0
5
SMBJ110CA
EE
110
122.00
134.84
1
177.0
3.4
5
SMBJ120C
EF
120
133.00
162.56
1
214.0
2.8
5
SMBJ120CA
EG
120
133.00
147.00
1
193.0
3.1
5
SMBJ130C
EH
130
144.00
176.00
1
231.0
2.6
5
SMBJ130CA
EK
130
144.00
159.16
1
209.0
2.9
5
SMBJ150C
EL
150
167.00
204.11
1
269.0
2.2
5
SMBJ150CA
EM
150
167.00
184.58
1
243.0
2.5
5
SMBJ160C
EN
160
178.00
217.56
1
287.0
2.1
5
SMBJ160CA
EP
160
178.00
196.74
1
259.0
2.3
5
SMBJ170C
EQ
170
189.00
231.00
1
304.0
2.0
5
SMBJ170CA
ER
170
189.00
208.89
1
275.0
2.2
5
SMBJ180CA
ET
180
201
222
1
292
2.1
1
SMBJ200CA
EV
200
224
247
1
324
1.9
1
SMBJ220CA
EX
220
246
272
1
356
1.7
1
SMBJ250CA
EZ
250
279
309
1
405
1.5
1
SMBJ300CA
FE
300
335
371
1
486
1.3
1
SMBJ350CA
FG
350
391
432
1
567
1.1
1
SMBJ400CA
FK
400
447
494
1
648
0.9
1
SMBJ440CA
FM
440
492
543
1
713
0.9
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com