Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMBJ
Description  Plastic Case Material has UL Flammability Classification Rating 94V-O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMBJ Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMBJ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMBJ Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Technical Data
Green Products
Data Sheet N0193, Rev. C
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMBJ SERIES
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ SERIES SURFACE MOUNT
TRANSIENT VOLTAGE SUPPRESSOR
Features:
•
Glass Passivated Die Construction
•
600W Peak Pulse Power Dissipation
•
5.0V- 400V Standoff Voltage
•
Uni- and Bi-Directional Versions Available
•
Excellent Clamping Capability
•
Fast Response Time
•
Plastic Case Material has UL Flammability Classification Rating 94V-O
•
This is a Pb − Free Device
•
All SMC Parts are Traceable to the Wafer Lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: JEDEC DO-214AA Low Profile Molded Plastic
•
Terminals: Solder Plated , Solderable per MIL-STD 750, Method 2026
•
Polarity: Cathode Band or Cathode Notch
•
Weight:0.093 grams(approx.)
Mechanical Dimensions:In Inches(mm)
SMB
SMB/DO-214AA
Dim.
Min.
Max.
Min.
Max.
A
3.30
3.94
0.130
0.155
B
4.06
4.70
0.160
0.185
C
1.80
2.20
0.071
0.087
D
0.152
0.305
0.006
0.012
E
4.80
5.59
0.189
0.220
F
2.10
2.60
0.083
0.102
G
0.051
0.203
0.002
0.008
H
0.76
1.52
0.030
0.060
In mm
In inch


Similar Part No. - SMBJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ JGD-SMBJ Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMBJ YANGJIE-SMBJ Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMBJ UNIOHM-SMBJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMM5234B-7 DIODES-ZMM5234B-7 Datasheet
82Kb / 5P
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
Rev 13.2.2003
logo
Kersemi Electronic Co.,...
MBR1650FCT KERSEMI-MBR1650FCT Datasheet
1Mb / 2P
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
MBR1680FCT KERSEMI-MBR1680FCT Datasheet
1Mb / 2P
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
logo
Nanjing International G...
5.0SMDJ12 DGNJDZ-5.0SMDJ12 Datasheet
102Kb / 4P
Plastic material has UL flammability classification 94V-O
logo
SEMTECH ELECTRONICS LTD...
1.5KE SEMTECH_ELEC-1.5KE Datasheet
528Kb / 4P
Plastic package has UL flammability Classification 94V-0
logo
Sangdest Microelectroni...
SMDJ SMC-SMDJ Datasheet
255Kb / 6P
Plastic Case Material has UL Flammability Classification Rating 94V-O
SDURF3020 SMC-SDURF3020 Datasheet
206Kb / 5P
Plastic Material has UL Flammability Classification 94V-O
MUR3020WT SMC-MUR3020WT Datasheet
260Kb / 6P
Plastic Material has UL Flammability Classification 94V-O
R1A SMC-R1A Datasheet
145Kb / 4P
Plastic Case Material has UL Flammability Classication Rating 94V-0
logo
First Silicon Co., Ltd
GBU4A FS-GBU4A Datasheet
158Kb / 2P
Plastic material has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com