Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M-LTP Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 10W Single-Output Switch-Mode Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 5 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
iW1818-EVAL
Evaluation Board for 10W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
5 of 6
18-May-2016
6 Bill of Materials
Item Qty.
Ref.
Description
Footprint
Mfg. Part Number
Manufacturer
1
1
U1
iW1818, Off-line digital PWM Controller
with 4A/800V BJT co-packed, DIP 7
DIP-7
iW1818-00
Dialog Semiconductor
2
1
BR1
LMB8S,800V,1A,Bridge rectifier
LMBS -1
LMB8S-TP
Micro Commercial
Components Corp.
3
2
C1, C8
CAP ALUM 10uF 20%,400V, Φ10X16mm,
Lead Spacing: 5mm
10mmx16mm
EKXJ401ELL100MJ16S
Nippon Chemi-Con
4
1
C2
22pF,25V,NPO,SMD-0603
0603
CC603JRNPO8BN220
YAGEO Corporation
5
1
C3
470pF,500V,X7R,SMD-1206
1206
CC1206KKX7RBBB471
YAGEO Corporation
6
1
C4
10uF10%,50V,X5R,SMD-1206
1206
GRM31CR61H106KA12L
Murata Electronics
7
1
C5
100nF 10%,50V,X7R,SMD-0805
0805
CC0805KRX7R9BB104
YAGEO Corporation
8
1
C6
47pF 10%,10V,SMD-0603
0603
CC0603KRNPO9BN470
YAGEO Corporation
9
2
C7,C9
1nF 10%,100V,X7R,SMD-0805
0805
CC0805KRX7R0BB102
YAGEO Corporation
10
2
CY1,CY2
220pF,250V ,Y-cap
Radial, Disc
DE1B3KX221KN4AN01F
Murata Electronics
11
2
C51,C52
1000uF,10V,Φ8X20,E-CAP
CE8X15
UPA1A102MPD1TD
Nichicon
12
1
D1
SBR20A45CT,20A,45V
TO-220AB
SBR20A45CT
Diodes Incorporated
13
1
D6
FS1M-L, 1A1000V,Fast Recovery Rectifier
(Trr=500ns)
DO-214AC
FS1M-LTP
Micro Commercial
Components Corp.
14
1
D7
FS1D-L, 1A200V,Fast Recovery Rectifier
(Trr=150ns)
DO-214AC
FS1D-LTP
Micro Commercial
Components Corp.
15
1
F1
2A,250V, Fuse, Φ3.6X10mm
Axial-3.6x10
0874002.MXEP
Littelfuse Inc.
16
1
L1
220uH,155mA,Color Ring Inductor, 0410
Axial-04x10
77F221J-TR-RC
Bourns Inc.
17
1
L2
4.7uH,Chip Inductor(Chip Coil)
0805
LQM21FN4R7M80L
Murata Electronics
18
1
R1
1.82Ω±1%,SMD-1206
1206
RC1206FR-071R82L
YAGEO Corporation
19
1
R2
1KΩ±5%,SMD-0805
0805
RC0805JR-071KL
YAGEO Corporation
20
2
R3,R4
3.6MΩ±5%,SMD-1206
1206
RC1206JR-073M6L
YAGEO Corporation
21
1
R5
220Ω±5%,SMD-1206
1206
RC1206JR-07220RL
YAGEO Corporation
22
1
R6
910KΩ±5%,SMD-1206
1206
RC1206JR-07910KL
YAGEO Corporation
23
1
R7
910Ω±5%,SMD-0805
0805
RC0805JR-07910RL
YAGEO Corporation
24
1
R8
3.6KΩ±1%,SMD-0603
0603
RC0603FR-073K6L
YAGEO Corporation
25
1
R9
2Ω±5%,SMD-0603
0603
RC0603JR-072RL
YAGEO Corporation
26
1
R10
16KΩ±1%,SMD-0603
RS0603
RC0603FR-0716KL
YAGEO Corporation
27
1
R11
1KΩ±5%,SMD-0603
0603
RC0603JR-071KL
YAGEO Corporation
28
1
R12
22Ω±5%,SMD-0805
0805
RC0805JR-0722RL
YAGEO Corporation
29
1
R13
27Ω±5%,SMD-0805
0805
RC0805JR-0727RL
YAGEO Corporation
30
1
R14
39KΩ±1%,SMD-0603
0603
RC0603FR-0739KL
YAGEO Corporation
31
1
R17
110Ω±5%,SMD-0603
0603
RC0603JR-07110RL
YAGEO Corporation
32
1
R18
2.0Ω±1%,SMD-1206
1206
RC1206FR-072RL
YAGEO Corporation
33
1
R52
2.4KΩ±5%,SMD-0805
0805
RC0805JR-072K4L
YAGEO Corporation
34
1
CON1
Serie 2169 - 7.50mm Horizatonal Entry
Modular with Rising Cage Clamp - 3.5mm²
Wires WR-TBL
691 216 910 002
Würth Elektronik
35
1
CON2
WR-TBL Terminal block-serie 101, 5.00mm
- Modular-blue-Horizontal entry with
pressure clamp - 12.6mm
691 101 710 002
Würth Elektronik
36
1
T1
EE20/10/6 (EF20),14-Pin EXT, THT,
Horizontal for 5V2A
750 343 107
Würth Elektronik
37
4
Supporter
Self-Retaining Spacer WA-SNSR ,Nylon
66, natural
702 917 000
Würth Elektronik
Table 1: Bill-of-Materials List for EVB iW1818-EVAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com